Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB560 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSB560
Description  PN Low-Saturation Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB560 Datasheet(HTML) 3 Page - ON Semiconductor

  FSB560 Datasheet HTML 1Page - ON Semiconductor FSB560 Datasheet HTML 2Page - ON Semiconductor FSB560 Datasheet HTML 3Page - ON Semiconductor FSB560 Datasheet HTML 4Page - ON Semiconductor FSB560 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Performance Characteristics
Figure 1. Base-Emitter Saturation Voltage
vs. Collector Current
Figure 2. Base-Emitter On Voltage
vs. Collector Current
Figure 3. Collector-Emitter Saturation Voltage
vs. Collector Current
Figure 4. Input / Output Capacitance
vs. Reverse Bias Voltage
Figure 5. Current Gain vs. Collector Current
Figure 6. Current Gain vs. Collector Current
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
I - COLLECTOR CURRENT (A)
C
25 °C
- 40 °C
125 °C
β = 10
0.0001
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
I - COLLECTOR CURRENT (A)
C
25 °C
- 40 °C
125 °C
V = 2.0V
ce
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
I - COLLECTOR CURRENT (A)
C
- 40°C
25°C
125°C
β = 10
0.1
0.2
0.5
1
2
5
10
20
50
100
0
50
100
150
200
250
300
350
400
450
V
- COLLECTOR VOLTAGE (V)
CE
f = 1.0 MHz
Cibo
Cobo
0.001
0.010
0.100
1.000
10.000
0
100
200
300
400
FSB560
-40
oC
V
CE
= 2 V
T
A
=150
oC
25
oC
I
C
- COLLECTOR CURRENT [A]
0.001
0.010
0.100
1.000
10.000
0
100
200
300
400
500
600
700
FSB560A
-40
oC
V
CE
= 2 V
T
A
=125
oC
25
oC
I
C
- COLLECTOR CURRENT [A]
www.onsemi.com
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com