Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB619 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSB619
Description  NPN Low-Saturation Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB619 Datasheet(HTML) 4 Page - ON Semiconductor

  FSB619 Datasheet HTML 1Page - ON Semiconductor FSB619 Datasheet HTML 2Page - ON Semiconductor FSB619 Datasheet HTML 3Page - ON Semiconductor FSB619 Datasheet HTML 4Page - ON Semiconductor FSB619 Datasheet HTML 5Page - ON Semiconductor FSB619 Datasheet HTML 6Page - ON Semiconductor FSB619 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© 1998 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB619 Rev. 2.2
3
Typical Performance Characteristics
Figure 1. Static Characteristics
Figure 2. Static Characteristics
Figure 3. DC Current Gain vs. Collector Current
Figure 4. Base-Emitter On Voltage vs.
Collector Voltage
Figure 5. Collector-Emitter Saturation Voltage vs.
Collector Voltage
Figure 6. Collector-Emitter Saturation Voltage vs.
Collector Voltage
024
68
10
0
50
100
150
200
250
300
350
400
I
B
= 0.2 mA
I
B
= 0.3 mA
I
B
= 0.4 mA
I
B
= 0.5 mA
I
B
= 0.6 mA
I
B
= 0.7 mA
I
B
= 0.8 mA
I
B
= 0.9 mA
I
B
= 0.1 mA
V
CE
- Collector-Emitter Voltage (V)
T
A
= 25
oC
024
68
10
0
200
400
600
800
1000
1200
I
B
= 3 mA
I
B
= 2.5 mA
I
B
= 2 mA
I
B
= 1.5 mA
I
B
= 1 mA
V
CE
- Collector-Emitter Voltage (V)
T
A
= 25
oC
1E-4
1E-3
0.01
0.1
1
10
0
100
200
300
400
500
600
700
T
A
= -55
oC
T
A
= 150
oC
T
A
= 25
oC
I
C
- Collector Current (A)
1E-4
1E-3
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
T
A
= -55
oC
T
A
= 150
oC
T
A
= 25
oC
V
BE(ON)
- Base-Emitter On Voltage (V)
1E-4
1E-3
0.01
0.1
1
10
1E-3
0.01
0.1
1
T
A
= -55
oC
T
A
= 150
oC
T
A
= 25
oC
I
C
- Collector Current (A)
I
C
= 10I
B
1E-4
1E-3
0.01
0.1
1
10
1E-3
0.01
0.1
1
T
A
= -55
oC
T
A
= 150
oC
T
A
= 25
oC
I
C
- Collector Current (A)
I
C
= 20I
B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com