Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB619 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSB619
Description  NPN Low-Saturation Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB619 Datasheet(HTML) 2 Page - ON Semiconductor

  FSB619 Datasheet HTML 1Page - ON Semiconductor FSB619 Datasheet HTML 2Page - ON Semiconductor FSB619 Datasheet HTML 3Page - ON Semiconductor FSB619 Datasheet HTML 4Page - ON Semiconductor FSB619 Datasheet HTML 5Page - ON Semiconductor FSB619 Datasheet HTML 6Page - ON Semiconductor FSB619 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 1998 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB619 Rev. 2.2
September 2015
FSB619
NPN Low-Saturation Transistor
Features
• This device is designed with high-current gain and low-saturation
voltage with collector currents up to 3 A continuous.
Ordering Information
Absolute Maximum Ratings(1),(2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 150°C.
2. These are steady-state limits. Fairchild Semiconductor should be consulted on applications involving pulsed or
low-duty-cycle operations.
Part Number
Marking
Package
Packing Method
FSB619
619
SSOT 3L
Tape and Reel
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
50
V
VCBO
Collector-Base Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current - Continuous
2
A
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
B
E
C
SuperSOTTM-3 (SOT-23)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com