Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB619 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSB619
Description  NPN Low-Saturation Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB619 Datasheet(HTML) 3 Page - ON Semiconductor

  FSB619 Datasheet HTML 1Page - ON Semiconductor FSB619 Datasheet HTML 2Page - ON Semiconductor FSB619 Datasheet HTML 3Page - ON Semiconductor FSB619 Datasheet HTML 4Page - ON Semiconductor FSB619 Datasheet HTML 5Page - ON Semiconductor FSB619 Datasheet HTML 6Page - ON Semiconductor FSB619 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 1998 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB619 Rev. 2.2
2
Thermal Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
3. Device mounted on FR-4 PCB 4.5” X 5”; mounting pad 0.02 in2 of 2oz copper.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
4. Pulse test: pulse width
≤ 300 µs, duty cycle ≤ 2.0%
Symbol
Parameter
Max.
Unit
PD
Total Device Dissipation(3)
500
mW
Derate Above 25°C
4
mW/°C
RθJA
Thermal Resistance, Junction-to-Ambient
250
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
BVCEO
Collector-Emitter Breakdown Voltage IC = 10 mA, IB = 0
50
V
BVCBO
Collector-Base Breakdown Voltage
IC = 100 µA, IE = 0
50
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 100 µA, IC = 0
5
V
ICBO
Collector Cut-Off Current
VCB = 40 V, IE = 0
100
nA
IEBO
Emitter Cut-Off Current
VEB = 4 V, IC = 0
100
nA
ICES
Collector Emitter Cut-Off Current
VCES = 40 V
100
nA
hFE
DC Current Gain(4)
IC = 10 mA, VCE = 2 V
200
IC = 200 mA, VCE = 2 V
300
IC = 1 A, VCE = 2 V
200
IC = 2 A, VCE = 2 V
100
VCE(sat)
Collector-Emitter Saturation
Voltage(4)
IC = 100 mA, IB = 10 mA
20
mV
IC = 1 A, IB = 10 mA
235
IC = 2 A, IB = 50 mA
320
VBE(sat)
Base-Emitter Saturation Voltage(4)
IC = 2 A, IB = 50 mA
1
V
VBE(on)
Base-Emitter On Voltage(4)
IC = 2 A, VCE = 2 V
1
V
Cobo
Output Capacitance
VCB = 10 V, IE = 0, f = 1 MHz
30
pF
fT
Transition Frequency
IC = 50 mA, VCE = 10 V,
f = 100 MHz
100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com