Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8728 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # WM8728
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM8728 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button WM8728 Datasheet HTML 15Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 16Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 17Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 18Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 19Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 20Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 21Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 22Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
WM8728
Production Data
w
PD, Rev 4.6 August 2008
19
The automute function detects a series of ZERO value audio samples of 1024 samples long
being applied to both channels. After such an event, a latch is set whose output (AUTOMUTED)
is wire OR’ed through a 10kohm resistor to the MUTEB pin. Thus if the MUTEB pin is not being
driven, the automute function will assert mute.
If MUTEB is tied high, AUTOMUTED is overridden and will not mute unless the IZD register bit is
set. If MUTEB is driven from a bi-directional source, then both MUTE and automute functions are
available. If MUTEB is not driven, AUTOMUTED appears as a weak output (10kOhm-source
impedance) so can be used to drive external mute circuits. AUTOMUTED will be removed as
soon as any channel receives a non-ZERO input.
A diagram showing how the various Mute modes interact is shown below Figure 16.
IZD (Register Bit)
AUTOMUTED
(Internal Signal)
10kΩ
MUT (Register Bit)
SOFTMUTE
(Internal
Signal)
MUTEB
PIN
Figure 16 Selection Logic for MUTE Modes
INPUT FORMAT SELECTION
In hardware mode, LATI2S (pin 20) and CSBIWL (pin 15) become input controls for selection of
input data format type and input data word length.
LATI2S
CSBIWL
INPUT DATA MODE
0
0
24-bit right justified
0
1
20-bit right justified
1
0
16-bit I2S
1
1
24-bit I2S
Table 4 Input Format Selection
Note:
In 24 bit I2S mode, any width of 24 bits or less is supported provided that LRCIN is high for a
minimum of 24 BCKINs and low for a minimum of 24 BCKINs. If exactly 32 BCKINs occur in one
LRCIN (16 high, 16 low) the chip will auto detect and run a 16 bit data mode.
DE-EMPHASIS CONTROL
In hardware mode, SDIDEM (pin 18) becomes an input control for selection of de-emphasis
filtering to be applied.
SDIDEM
DE-EMPHASIS
0
Off
1
On
Table 5 De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com