Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8728 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # WM8728
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM8728 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button WM8728 Datasheet HTML 20Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 21Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 22Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 23Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 24Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 25Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 26Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 27Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
WM8728
Production Data
w
PD, Rev 4.6, August 2008
24
SELECTION OF LRCIN POLARITY
In left justified, right justified or I2S modes, the LRP register bit controls the polarity of LRCIN. If
this bit is set high, the expected polarity of LRCIN will be the opposite of that shown in Figure 10,
Figure 11 and Figure 12. Note that if this feature is used as a means of swapping the left and right
channels, a 1 sample phase difference will be introduced.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0011
Interface Control
1
LRP
0
LRCIN Polarity (normal)
0 : normal LRCIN polarity
1: inverted LRCIN polarity
Table 16 LRCIN Polarity Control
In DSP modes, the LRCIN register bit is used to select between early and late modes (see Figure
13 and Figure 14.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0011
Interface Control
1
LRP
0
DSP Format (DSP modes)
0 : Late DSP mode
1: Early DSP mode
Table 17 DSP Format Control
In DSP early mode, the first bit is sampled on the BCKIN rising edge following the one that
detects a low to high transition on LRCIN. In DSP late mode, the first bit is sampled on the BCKIN
rising edge, which detects a low to high transition on LRCIN. No BCKIN edges are allowed
between the data words. The word order is DIN left, DIN right.
ATTENUATOR CONTROL MODE
Setting the ATC register bit causes the left channel attenuation settings to be applied to both left
and right channel DACs from the next audio input sample. No update to the attenuation registers
is required for ATC to take effect.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0011
Interface Control
2
ATC
0
Attenuator Control Mode:
0 : Right channels use Right
attenuation
1:
Right Channels use Left
Attenuation
Table 18 Attenuation Control Select
OUTPUT PHASE REVERSAL
The REV register bit controls the phase of the output signal. Setting the REV bit causes the
phase of the output signal to be inverted.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0011
Interface Control
4
REV
0
Analogue Output Phase
0: Normal
1: Inverted
Table 19 Output Phase Control
BCKIN POLARITY
By default, LRCIN and DIN are sampled on the rising edge of BCKIN and should ideally change
on the falling edge. Data sources which change LRCIN and DIN on the rising edge of BCKIN can
be supported by setting the BCP register bit. Setting BCP to 1 inverts the polarity of BCKIN to the
inverse of that shown in Figure 10, Figure 11, Figure 12, Figure 13 and Figure 14.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0011
Interface Control
5
BCP
0
BCKIN Polarity
0 : normal BCKIN polarity
1: inverted BCKIN polarity
Table 20 BCKIN Polarity Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com