Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8728 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WM8728
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM8728 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WM8728 Datasheet HTML 1Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 2Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 3Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 4Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 5Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 6Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 7Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 8Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
w
WM8728
24-bit, 192kHz Stereo DAC with
Volume Control
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, August 2008, Rev 4.6
Copyright
©2008 Wolfson Microelectronics plc
DESCRIPTION
The WM8728 is a high performance stereo DAC designed
for audio applications such as DVD, home theatre systems,
and digital TV. The WM8728 supports PCM data input word
lengths from 16 to 32-bits and sampling rates up to 192kHz.
The WM8728 consists of a serial interface port, digital
interpolation filters, multi-bit sigma delta modulators and
stereo DAC in a small 20-lead SSOP package. The
WM8728 also includes a digitally controllable mute and
attenuate function for each channel.
The WM8728 supports a variety of connection schemes for
audio DAC control. The 2 or 3-wire MPU serial port provides
access to a wide range of features including on-chip mute,
attenuation and phase reversal. A hardware controllable
interface is also available
The WM8728 is an ideal device to interface to AC-3
™,
DTS
™, and MPEG audio decoders for surround sound
applications, or for use in DVD players supporting DVD-A.
FEATURES
•
Stereo DAC with 24 bit PCM
•
Audio Performance
-
106dB SNR (‘A’ weighted @ 48kHz) DAC
-
-97dB THD
•
DAC Sampling Frequency: 8kHz - 192kHz
•
2 or 3-Wire Serial Control Interface or Hardware Control
•
Programmable Audio Data Interface Modes
-
I2S, Left, Right Justified, DSP
-
16/20/24/32 bit Word Lengths
•
Independent Digital Volume Control on Each Channel with
127.5dB Range in 0.5dB Steps
•
3.0V - 5.5V Supply Operation
•
20-lead SSOP Package
•
Exceeds Dolby Class A Performance Requirements
APPLICATIONS
•
DVD-Audio and DVD ‘Universal’ Players
•
Home theatre systems
•
Digital TV
•
Digital broadcast receivers
BLOCK DIAGRAM


Similar Part No. - WM8728

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728 Datasheet
266Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control and DSD Support
WM8728 WOLFSON-WM8728 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728SEDS WOLFSON-WM8728SEDS Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728SEDS/R WOLFSON-WM8728SEDS/R Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728SEDS/RV WOLFSON-WM8728SEDS/RV Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
More results

Similar Description - WM8728

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728 Datasheet
266Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control and DSD Support
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8718 WOLFSON-WM8718_06 Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
WM8720 WOLFSON-WM8720_05 Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com