Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17517DTB/R2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC17517DTB/R2
Description  1.0 A 6.8 V Dual Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17517DTB/R2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC17517DTB/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
17517
3
TERMINAL FUNCTION DESCRIPTION
Terminal
Terminal
Name
Formal Name
Definition
1
VDD
Control Circuit Power Supply
Positive power source connection for control circuit.
2, 13
VM
Motor Drive Power Supply
Motor power supply voltage input terminals.
3
OUTA
Output A
Driver output A terminal.
4
CRES
Charge Pump Output Capacitor
Connection
Charge pump reservoir capacitor terminal.
5
C2H
Charge Pump 2H
Charge pump bucket capacitor 2 (positive pole).
6
C2L
Charge Pump 2L
Charge pump bucket capacitor 2 (negative pole).
7
IN1
Input Control 1
Control signal input 1 terminal.
8
IN2
Input Control 2
Control signal input 2 terminal.
9
EN1
Enable Control Signal Input 1
Enable control signal input 1 terminal.
10
EN2
Enable Control Signal Input 2
Enable control signal input 2 terminal.
11
C1L
Charge Pump 1L
Charge pump bucket capacitor 1 (negative pole).
12
C1H
Charge Pump 1H
Charge pump bucket capacitor 1 (positive pole).
14
OUTB
Output B
Driver output B terminal.
15
GND
Ground
Ground connection.
16
OUTC
Output C
Driver output C terminal.
EN1
OUTC
GND
OUTB
VM
C1H
EN2
C1L
IN2
VDD
VM
OUTA
CRES
C2H
IN1
C2L
8
2
3
4
5
7
6
9
16
15
14
13
12
10
11
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com