Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17517DTB/R2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC17517DTB/R2
Description  1.0 A 6.8 V Dual Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17517DTB/R2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC17517DTB/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
17517
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
10
APPLICATIONS
Typical Application
Figure 5 shows a typical application for the 17517. When
applying the gate voltage to the CRES terminal from an external
source, be sure to connect it via a resistor equal to, or greater
than, RG =
V
CRES/0.02 Ω.
Figure 5. 17517 Typical Application Diagram
CEMF Snubbing Techniques
Care must be taken to protect the IC from potentially
damaging CEMF spikes induced when commutating currents in
inductive loads. Typical practice is to provide snubbing of
voltage transients by placing a capacitor or zener at the supply
terminal (VM) (see Figure 6).
Figure 6. CEMF Snubbing Techniques
PCB Layout
When designing the printed circuit board (pcb), connect
sufficient capacitance between power supply and ground
terminals to ensure proper filtering from transients. For all high-
current paths, use wide copper traces and shortest possible
distances.
MCU
17517
5.0 V
GND
C1L
C1H
C2L
C2H
CRES
EN1
EN2
IN1
IN1
VM
VDD
OUTB
OUTC
VC
RES < 14 V
0.01
µF
OUTA
NC
NC
NC
NC
RG >
VC
RES/0.02 Ω
RG
NC = No Connect
17517
5.0 V
5.0 V
GND
C1L
C1H
C2L
C2H
CRES
VM
VDD
OUT
OUT
17517
5.0 V
5.0 V
GND
C1L
C1H
C2L
C2H
CRES
VM
VDD
OUT
OUT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com