Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17517DTB/R2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC17517DTB/R2
Description  1.0 A 6.8 V Dual Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17517DTB/R2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC17517DTB/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17517DTB/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Motorola, Inc. 2004
Document order number: MPC17517
Rev 1.0, 03/2004
17517
Advance Information
Simplified Application Diagram
VDD
C
RES
C1L
C1H
C2L
C2H
IN2
IN1
EN1
OUTB
OUTA
OUTC
VM
GND
Solenoid
MCU
EN2
MOTOR
5.0 V
5.0 V
17517
17517 Simplified Application Diagram
1.0 A 6.8 V Dual Motor Driver IC
The 17517 is a monolithic triple totem-pole-output power IC designed to be
used in portable electronic applications to control small DC motors and
solenoids. The 17517 can operate efficiently with supply voltages as low as
2.0 V to as high as 6.8 V. Its low RDS(ON) totem-pole output MOSFETs (0.46 Ω
typical) can provide continuos drive currents of 1.0 A and handle peak currents
up to 3.0 A. It is easily interfaced to low-cost MCUs via parallel 3.0 V- or 5.0 V-
compatible logic. The device can be pulse width modulated (PWM-ed) at up to
200 kHz.
The 17517 can drive two motors in two directions one at a time or drive one
motor in two directions and one solenoid with synchronous rectification of
freewheeling currents one at a time. Two-motor operation is accomplished by
hooking one motor between OUTA and OUTB and hooking the other motor
between OUTB and OUTC. Motor plus solenoid operation is accomplished by
hooking a motor between OUTA and OUTB and a solenoid between OUTC
and GND.
This device contains an integrated charge pump and level shifter (for gate
drive voltages), integrated shoot-through current protection (cross-conduction
suppression logic and timing), and undervoltage detection and shutdown
circuitry.
The 17517 has four operating modes: Forward, Reverse, Brake, and
Tri-Stated (High Impedance).
Features
• 2.0 V to 6.8 V Continuous Operation
• Output Current 1.0 A (DC), 3.0 A (Peak)
•MOSFETs < 600 m
Ω RDS(ON) @ 25°C Guaranteed
• 3.0 V/5.0 V TTL-/CMOS-Compatible Inputs
• PWM Frequencies up to 200 kHz
• Undervoltage Shutdown
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MPC17517DTB/R2
-20°C to 65°C
16 TSSOP
DTB SUFFIX
CASE 948F-01
16-LEAD TSSOP
1.0 A 6.8 V DUAL MOTOR
DRIVER IC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC17517DTB/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17517DTB FREESCALE-MPC17517DTB Datasheet
393Kb / 14P
1.0 A 6.8 V Dual Motor Driver IC
MPC17517DTBR2 FREESCALE-MPC17517DTBR2 Datasheet
393Kb / 14P
1.0 A 6.8 V Dual Motor Driver IC
More results

Similar Description - MPC17517DTB/R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17510EJ MOTOROLA-MPC17510EJ Datasheet
490Kb / 12P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
MPC17C724 FREESCALE-MPC17C724 Datasheet
839Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
17511A FREESCALE-17511A Datasheet
222Kb / 16P
1.0 A 6.8 V H-Bridge Motor Driver IC
17517 FREESCALE-17517 Datasheet
393Kb / 14P
1.0 A 6.8 V Dual Motor Driver IC
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
1.0 A 6.8 V H-Bridge Motor Driver IC
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
0.4 A Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com