Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL44F Datasheet(PDF) 7 Page - ON Semiconductor

Part # BUL44F
Description  POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL44F Datasheet(HTML) 7 Page - ON Semiconductor

Back Button BUL44F Datasheet HTML 2Page - ON Semiconductor BUL44F Datasheet HTML 3Page - ON Semiconductor BUL44F Datasheet HTML 4Page - ON Semiconductor BUL44F Datasheet HTML 5Page - ON Semiconductor BUL44F Datasheet HTML 6Page - ON Semiconductor BUL44F Datasheet HTML 7Page - ON Semiconductor BUL44F Datasheet HTML 8Page - ON Semiconductor BUL44F Datasheet HTML 9Page - ON Semiconductor BUL44F Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BUL44 BUL44F
7
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
1000
100
10
1.0
0.1
0.01
0.01
0.01
0.01
0.5
0.2
0.1
0.05
0.02
1.0
0.5
0.2
0.1
0.05
SINGLE PULSE
t, TIME (ms)
0.01
0.1
1.0
0.01
0.1
1.0
10
100
1000
SINGLE PULSE
TYPICAL THERMAL RESPONSE
R
θJC(t) = r(t) RθJC
D CURVES APPLY FOR
POWER PULSE TRAIN
SHOWN READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC1(t)
DUTY CYCLE, D = t1/t2
t1
t2
P(pk)
R
θJC(t) = r(t) RθJC
D CURVES APPLY FOR
POWER PULSE TRAIN
SHOWN READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC1(t)
DUTY CYCLE, D = t1/t2
t1
t2
P(pk)
Figure 20. Typical Thermal Response (Z
θJC(t)) for BUL44
Figure 21. Typical Thermal Response (Z
θJC(t)) for BUL44F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com