Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL44F Datasheet(PDF) 3 Page - ON Semiconductor

Part # BUL44F
Description  POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL44F Datasheet(HTML) 3 Page - ON Semiconductor

  BUL44F Datasheet HTML 1Page - ON Semiconductor BUL44F Datasheet HTML 2Page - ON Semiconductor BUL44F Datasheet HTML 3Page - ON Semiconductor BUL44F Datasheet HTML 4Page - ON Semiconductor BUL44F Datasheet HTML 5Page - ON Semiconductor BUL44F Datasheet HTML 6Page - ON Semiconductor BUL44F Datasheet HTML 7Page - ON Semiconductor BUL44F Datasheet HTML 8Page - ON Semiconductor BUL44F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BUL44 BUL44F
3
Motorola Bipolar Power Transistor Device Data
r
2.0
IB, BASE CURRENT (mA)
0
1000
100
10
1.0
1.0
10
IC, COLLECTOR CURRENT (AMPS)
0.01
10
1.0
0.1
0.01
1.0
0.1
TYPICAL STATIC CHARACTERISTICS
100
IC, COLLECTOR CURRENT (AMPS)
1.0
10
1.0
0.1
0.01
10
1.0
10
100
1.0
10
100
1000
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
IC, COLLECTOR CURRENT (AMPS)
10
1.0
0.1
0.01
1.2
0.4
0.9
0.7
0.5
0.6
0.8
1.1
1.0
VCE = 1 V
TJ = 125°C
TJ = 25°C
100
IC, COLLECTOR CURRENT (AMPS)
1.0
10
1.0
0.1
0.01
10
VCE = 5 V
TJ = 125°C
TJ = 25°C
TJ = – 20°C
TJ = 25°C
IC = 0.2 A
0.4 A
1 A
1.5 A
2 A
IC/IB = 10
IC/IB = 5
TJ = 25°C
TJ = 125°C
IC/IB = 5
IC/IB = 10
Figure 1. DC Current Gain at 1 Volt
Figure 2. DC Current Gain at 5 Volts
Figure 3. Collector Saturation Region
Figure 4. Collector–Emitter Saturation Voltage
Figure 5. Base–Emitter Saturation Region
Figure 6. Capacitance
CIB
COB
TJ = 25°C
f = 1 MHz
TJ = 25°C
TJ = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com