Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL44F Datasheet(PDF) 4 Page - ON Semiconductor

Part # BUL44F
Description  POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL44F Datasheet(HTML) 4 Page - ON Semiconductor

  BUL44F Datasheet HTML 1Page - ON Semiconductor BUL44F Datasheet HTML 2Page - ON Semiconductor BUL44F Datasheet HTML 3Page - ON Semiconductor BUL44F Datasheet HTML 4Page - ON Semiconductor BUL44F Datasheet HTML 5Page - ON Semiconductor BUL44F Datasheet HTML 6Page - ON Semiconductor BUL44F Datasheet HTML 7Page - ON Semiconductor BUL44F Datasheet HTML 8Page - ON Semiconductor BUL44F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BUL44 BUL44F
4
Motorola Bipolar Power Transistor Device Data
300
250
200
150
100
50
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IC, COLLECTOR CURRENT (AMPS)
6.0
5.0
4.0
3.0
2.0
0
1.0
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IC, COLLECTOR CURRENT (AMPS)
2500
2000
1500
1000
500
0
0.4
0.8
1.2
1.6
2.0
2.4
IC, COLLECTOR CURRENT (AMPS)
250
200
150
100
50
0
IC, COLLECTOR CURRENT (AMPS)
0.4
0.8
1.2
1.6
2.0
2.4
TYPICAL SWITCHING CHARACTERISTICS
(IB2 = IC/2 for all switching)
hFE, FORCED GAIN
2.0
1.5
1.0
0.5
5.0
6.0
7.0
8.0
9.0
10
11
12
13
14
15
200
150
100
50
IC, COLLECTOR CURRENT (AMPS)
0.4
0.8
1.2
1.6
2.0
2.4
Figure 7. Resistive Switching, ton
Figure 8. Resistive Switching, toff
Figure 9. Inductive Storage Time, tsi
Figure 10. Inductive Storage Time
Figure 11. Inductive Switching,
tc and tfi IC/IB = 5
Figure 12. Inductive Switching,
tc and tfi IC/IB = 10
IC/IB = 10
IC/IB = 5
IC/IB = 5
IC/IB = 10
IC/IB = 5
IC/IB = 10
IC = 0.4 A
IC = 1 A
tc
tfi
tc
tfi
IB(off) = IC/2
VCC = 300 V
PW = 20
µs
IB(off) = IC/2
VCC = 300 V
PW = 20
µs
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 25°C
TJ = 125°C
TJ = 25°C
TJ = 125°C
TJ = 25°C
TJ = 125°C
TJ = 25°C
TJ = 125°C
TJ = 25°C
TJ = 125°C
TJ = 25°C
TJ = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com