Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232RL Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT232RL
Description  Bit Bang Modes for the FT232R and FT245R
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT232RL Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
AN232R-01 Bit Bang Modes for the FT232R and FT245R
Copyright © 2006 Future Technology Devices International Ltd.
1
Bit Bang Modes for the FT232R and FT245R
1.1
Overview
Bit Bang mode is a special FT232R and FT245R device mode that changes the 8 IO lines into an 8
bit bi-directional data bus. There are three types of Bit Bang mode for the FT232R:
· Asynchronous Bit Bang Mode
, which is the same as the FTDI BM and C chip-style Bit Bang
mode, with the addition of Read and Write strobes in the case of the FT232R.
· Synchronous Bit Bang Mode
, where data is only read from the device when the device is
written to. This is the same as the FT2232 Synchronous Bit Bang mode.
· CBUS Bit Bang Mode
, a new 4-bit version of Bit Bang mode is available on the FT232R
CBUS pins.
Asynchronous and Synchronous Bit Bang modes are enabled by driver commands, while CBUS Bit
Bang must be set up in the device EEPROM before it can be enabled with a driver command.
3
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com