Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232RL Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # FT232RL
Description  Bit Bang Modes for the FT232R and FT245R
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button FT232RL Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
AN232R-01 Bit Bang Modes for the FT232R and FT245R
Copyright © 2006 Future Technology Devices International Ltd.
When Synchronous Bit Bang mode is enabled the IO signal lines are configured as follows:
FT232RL/
FT245RL
Pin
Number
FT232RQ/
FT245RQ
Pin
Number
Signal
Type
Description
1
30
D0
Input/Output
Bit Bang Data Bus Bit 0
5
2
D1
Input/Output
Bit Bang Data Bus Bit 1
3
32
D2
Input/Output
Bit Bang Data Bus Bit 2
11
8
D3
Input/Output
Bit Bang Data Bus Bit 3
2
31
D4
Input/Output
Bit Bang Data Bus Bit 4
9
6
D5
Input/Output
Bit Bang Data Bus Bit 5
10
7
D6
Input/Output
Bit Bang Data Bus Bit 6
6
3
D7
Input/Output
Bit Bang Data Bus Bit 7
In the case of the FT232R, any of CBUS0, CBUS1, CBUS2 or CBUS3 can be configured to bring
out the internal RD# or WR# strobes when the device is in Synchronous Bit Bang mode.
Alternatively, the CBUS pins can be used to provide clock signals by setting the appropriate values
in the EEPROM. The CBUS must be configured in the FT232R EEPROM. This option is not
available for the FT245R.
FT232RL
Pin
Number
FT232RQ
Pin
Number
Signal
Type
Description
23
22
C0
Input/Output
Configurable function
22
21
C1
Input/Output
Configurable function
13
10
C2
Input/Output
Configurable function
14
11
C3
Input/Output
Configurable function
A number of D2XX driver commands are needed to use Synchronous Bit Bang mode. The
commands of interest are listed below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com