Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232RL Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # FT232RL
Description  Bit Bang Modes for the FT232R and FT245R
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button FT232RL Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Bit Bang Modes for the FT232R and FT245R
Copyright © 2006 Future Technology Devices International Ltd.
D2XX Function
Description
FT_SetBitMode
Synchronous Bit Bang mode is enabled using the FT_SetBitMode
command. A value of 0x04 will enable it and a value of 0x00 will reset the
device mode.
FT_SetBaudRate
The rate of data transfer can be controlled by using the FT_SetBaudRate
command. The maximum Baud rate is 3MBaud, but to allow time for the
data to be setup and held around the WR# strobe the Baud rate should be
less than 1MBaud.
The clock for the Synchronous Bit Bang mode is actually 16 times the Baud
rate. A value of 9600 Baud would transfer the data at (9600x16) = 153600
bytes per second, or 1 every 6.5 mS.
FT_Write
Data can be written to the device in Synchronous Bit Bang mode using the
FT_Write command. If multiple bytes are written to the device the values
on the pins will change at the rate set by FT_SetBaudRate.
FT_GetBitMode
FT_GetBitMode returns the instantaneous value of the pins. A single byte
will be returned containing the current values of the pins, both those which
are inputs and those which are outputs.
FT_Read
FT_Read will return a buffer of values which have been sampled from the
pins at the rate set by FT_SetBaudRate. If the read buffers have filled, data
willl be lost. Each byte returned contains the values of the pins, both those
which are inputs and those which are outputs.
Full descriptions of these functions are available in the D2XX Programmer's Guide.
Code examples can be downloaded from http://www.ftdichip.com/Projects/CodeExamples.htm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com