Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKA2000 Datasheet(PDF) 3 Page - Ericsson

Part # PKA2000
Description  25-40 W DC/DC Power Modules 24 V Input Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKA2000 Datasheet(HTML) 3 Page - Ericsson

  PKA2000 Datasheet HTML 1Page - Ericsson PKA2000 Datasheet HTML 2Page - Ericsson PKA2000 Datasheet HTML 3Page - Ericsson PKA2000 Datasheet HTML 4Page - Ericsson PKA2000 Datasheet HTML 5Page - Ericsson PKA2000 Datasheet HTML 6Page - Ericsson PKA2000 Datasheet HTML 7Page - Ericsson PKA2000 Datasheet HTML 8Page - Ericsson PKA2000 Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
EN/LZT 146 09 R1A © Ericsson Microelectronics AB, June 2000
3
Mechanical Data
Dimensions in mm (in)
Case
Blue anodized self-cooled aluminium chassis
with snap-on cover and with tin plated brass
pins.
Weight
95 gr (3.35 oz)
PKA 2432 PIL 112 gr (3.95 oz)
Pin
Designation
Function
Connections
1
RC
Remote control. To turn-on and turn-off the output. It is also used to
adjust the turn-off input voltage threshold.
2
NC
Not connected.
3
–In
Negative input.
4
+In
Positive input.
5
Aux
Auxiliary.
6
NC
Not connected in singles.
–Out 2
Negative output 2 in duals.
–Out 3
Negative output 3 in triples.
7
NC
Not connected in singles.
+Out 2
Positive output 2 in duals and triples.
8
–Out 1/Rtn
Negative output 1 in singles and duals. Output return in triples.
9
+Out 1
Positive output 1in all models.
10
Vadj
Output voltage adjust.
Thermal data
Thermal resistance case to ambient
PI-version
Rth case-amb. = 5.0 °C/W
PIL-version Rth case-amb. = 4.6 °C/W
For Off-Card versions (CI) the specification
is valid if mounting surface has Rth< 7 °C/W
to ambient.
On-Card
Off-Card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com