Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKA2000 Datasheet(PDF) 6 Page - Ericsson

Part # PKA2000
Description  25-40 W DC/DC Power Modules 24 V Input Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKA2000 Datasheet(HTML) 6 Page - Ericsson

Back Button PKA2000 Datasheet HTML 2Page - Ericsson PKA2000 Datasheet HTML 3Page - Ericsson PKA2000 Datasheet HTML 4Page - Ericsson PKA2000 Datasheet HTML 5Page - Ericsson PKA2000 Datasheet HTML 6Page - Ericsson PKA2000 Datasheet HTML 7Page - Ericsson PKA2000 Datasheet HTML 8Page - Ericsson PKA2000 Datasheet HTML 9Page - Ericsson PKA2000 Datasheet HTML 10Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
EN/LZT 146 09 R1A © Ericsson Microelectronics AB, June 2000
6
PKA 2411 PIL
Characteristics
Conditions
Output 1
min
typ
max
Unit
Output voltage initial
setting and accuracy
TC =+25°C, IO =IOmax, VI =26 V
VOi
Output voltage
tolerance band
VO
Idling voltage
IO = 25 mA
Line regulation
IO =IO max
5.10
5.13
5.17
V
5.40
V
TC = 0…+95°C, VI = 19…35 V unless otherwise specified.
Long term drift
included
Output
IO=0.1 …1.0
´ IOmax
62
mV
Output adjust range1)
±10
%
5.00
5.36
V
Characteristics
Conditions
Unit
min
typ
max
Efficiency
h
Power dissipation
Pd
Miscellaneous
79
81
%
9.4
W
IO = IO max, VI = 26 V
IO= IOmax, VI = 26 V
0
8.0
A
Load regulation
IO=0.1 …1.0
´ IOmax, VI = 26 V
ttr
Load transient voltage
Vtr
Temperature coefficient2)
Tcoeff
Ramp-up time
tr
Start-up time
ts
0.1 …0.9
´ VO
From VI connection
to VO = 0.9
´ VOi
Output current
IO
Max output power3)
PO max
Current limiting
threshold
Ilim
TC <TC max
Short circuit current1)
Isc
Output ripple & noise
20 Hz …5 MHz
Supply voltage
rejection (ac)
SVR
f = 100 Hz sine wave, 1 Vp-p, VI = 26 V
(SVR = 20 log (1 Vp-p/VOp-p))
Load transient
recovery time
72
mV
+250
mV
–250
mV
IO =IO max, TC <TC max
±0.5
mV/°C
10
ms
30
ms
40
W
8.15
A
90
mVp-p
VO ac
50
dB
200
ms
IO =IO max
IO=
0.1…1.0
´ IOmax
A
IO= 0.1 …1.0
´ IOmax, VI = 26 V
load step = 0.8 × IOmax
1) See Operating Information.
2) Temperature coefficient is positive at low temperatures.
3) See Typical Characteristics, Power derating.
di
dt
<0.1A/
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com