Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKA2000 Datasheet(PDF) 2 Page - Ericsson

Part # PKA2000
Description  25-40 W DC/DC Power Modules 24 V Input Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKA2000 Datasheet(HTML) 2 Page - Ericsson

  PKA2000 Datasheet HTML 1Page - Ericsson PKA2000 Datasheet HTML 2Page - Ericsson PKA2000 Datasheet HTML 3Page - Ericsson PKA2000 Datasheet HTML 4Page - Ericsson PKA2000 Datasheet HTML 5Page - Ericsson PKA2000 Datasheet HTML 6Page - Ericsson PKA2000 Datasheet HTML 7Page - Ericsson PKA2000 Datasheet HTML 8Page - Ericsson PKA2000 Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
EN/LZT 146 09 R1A © Ericsson Microelectronics AB, June 2000
2
Stress in excess of Absolute Maximum
Ratings may cause permanent damage.
Absolute MaximumRatings, sometimes
referred to as no destruction limits, are
normally tested with one parameter at a time
exceeding the limits of Output data or
Electrical Characteristics. If exposed to stress
above these limits, function and performance
may degrade in an unspecified manner.
Environmental Characteristics
Characteristics
Frequency
10–500 Hz
Amplitude
0.75 mm
Acceleration
10 g
Number of cycles
10 in each axis
Vibration
(Sinusoidal)
IEC 68-2-6 Fc
Test procedure & conditions
Peak acceleration
200 g
Shock duration
3 ms
Shock
(Half sinus)
IEC 68-2-27 Ea
Temperature
–40°C to +125°C
Number of cycles
10
Temperature
change
IEC 68-2-14 Na
Damp heat
IEC 68-2-3 Ca
Temperature
40°C
Duration
56 days
Bump
(Half sinus)
IEC 68-2-29 Eb
Peak acceleration
40 g
Bump duration
6 ms
Number of bumps
1000 in 6 directions
Accelerated
damp heat
IEC 68-2-3 Ca
with bias
Temperature
85°C
Humidity
85% RH
Duration
500 hours
Safety
The PKA 2000 I Series DC/DC power
modules are designed in accordance with
EN 60 950, Safety of information technology
equipment including electrical business equipment
and certified by SEMKO.
The PKA power modules are recognized by
UL and meet the applicable requirements in
UL 1950 Safety of information technology equip-
ment, the applicable Canadian safety require-
ments and UL 1012 Standard for power sup-
plies.
The DC/DC power module shall be installed
in an end-use equipment and considerations
should be given to measuring the case tem-
perature to comply with TCmax when in
operation. They are intended to be supplied
by isolated secondary circuitry and shall be
installed in compliance with the require-
ments of the ultimate application. If con-
nected to a 24 V DC power system reinforced
insulation must be provided in the power
supply that isolates the input from the ac
mains. The isolation in the DC/DC power
module is an operational insulation in accord-
ance with EN 60 950. One pole of the input
and one pole of the output is to be grounded
or both are to be kept floating.
The terminal pins are only intended for con-
nection to mating connectors of internal
wiring inside the end-use equipment.
The isolation voltage is a galvanic isolation
and is verified in an electric strength test.
Test voltage (VISO) between input and output
is 500 V dc.
The capacitor between input and output has a
value of 10 nF and the leakage current is less
than 1
mA @ 26 V dc.
Flammability ratings of the terminal support
and internal plastic construction details
meets UL 94V-0.
General
1)
Corresponding ambient temp. range (TA) at full output power is –45 to +85 °C.
Input TC < TC max
Characteristics
Conditions
min
typ
max
Unit
TC < TC max
19
32
V
VIoff
Turn-off input voltage
(See Operating Information)
13
18
V
IO=0,TC = 0...+95°C
0.8
W
Inrush current2)
A
IIrush
Input idling power
PIi
Input transient peak
current (transient
immunity)
P< 1 kW, VC < 50 V,
tr/td =10/1000
ms
20
A
15
II2t
5×10-4
A2s
IO = IOnom
2) PKA 2411 PIL = 30 A, 2×10-3 A2s
*) PKA 2432 PIL = 30 A, 5×10-3 A2s
Absolute Maximum Ratings
Characteristics
min
max
Unit
TC
Case temperature1)
– 45
+115
°C
TS
Storage temperature
– 55
+125
°C
VI
Input voltage
– 0.5
36
V dc
Isolation voltage (input to output test voltage)
V dc
VISO
Transient input energy @ TA = +25 °C
1.3
Ws
500
Remote control voltage (pin 9)
0
5
V
Output adjust voltage (pin 10)
0
VO
V
VRC
Vadj
19
35
V
TC < + 95 °C
Input voltage range
VI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com