Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2SX Datasheet(PDF) 3 Page - Recom International Power

Part # R2SX
Description  2 Watt SMD Single Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R2SX Datasheet(HTML) 3 Page - Recom International Power

  R2SX Datasheet HTML 1Page - Recom International Power R2SX Datasheet HTML 2Page - Recom International Power R2SX Datasheet HTML 3Page - Recom International Power R2SX Datasheet HTML 4Page - Recom International Power R2SX Datasheet HTML 5Page - Recom International Power R2SX Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.recom-power.com
REV.: 0/2019
ECO-3
DC/DC Converter
Specifications (measured @ Ta= 25°C, nominal input voltage, full load unless otherwise specified)
R2SX
Series
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±5.0% max.
Line Regulation
low line to high line
±1.2% typ. at 1.0% of Vin typ.
Load Regulation (6)
10% to 100% load
3.3Vout, 5Vout
15Vout, 24Vout
15.0% max.
10.0% max.
Notes:
Note6: Operation below 10% load will not harm the converter, but specifications may not be met
Tolerance Envelope
R2SX-05xx(/H)
R2SX-24xx(/H)
+10%
+5%
Vnom
+5%
-0.5%
-5%
10
50
100
Output Load [%]
Typical Load Line
+15%
+9%
Vnom
+5%
-1.5%
-5%
10
50
100
Output Load [%]
Typical
Load
Line
PROTECTIONS
Parameter
Type
Value
Isolation Voltage
I/P to O/P
standard
tested for 1 second
rated for 1 minute (7)
1kVDC
500VAC
I/P to O/P
with suffix “/H”
tested for 1 second
rated for 1 minute (7)
3kVDC
1.5kVAC
Isolation Resistance
10G
Ω min.
Isolation Capacitance
100pF max.
Insulation Grade
functional
Notes:
Note7:
For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note8:
Refer to local safety regulations if input over-current protection is also required. Recommended fuse: slow blow type



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com