Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2SX Datasheet(PDF) 5 Page - Recom International Power

Part # R2SX
Description  2 Watt SMD Single Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R2SX Datasheet(HTML) 5 Page - Recom International Power

  R2SX Datasheet HTML 1Page - Recom International Power R2SX Datasheet HTML 2Page - Recom International Power R2SX Datasheet HTML 3Page - Recom International Power R2SX Datasheet HTML 4Page - Recom International Power R2SX Datasheet HTML 5Page - Recom International Power R2SX Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.recom-power.com
REV.: 0/2019
ECO-5
DC/DC Converter
Specifications (measured @ Ta= 25°C, nominal input voltage, full load unless otherwise specified)
R2SX
Series
EMC Compliance
Condition
Standard / Criterion
Electromagnetic Compatibility of Multimedia Equipment - Emission
Requirements
with external filter
(see filter suggestion below)
EN55032:2015 + AC:2016, Class B
Information technology equipment - Immunity characteristics - Limits and
methods of measurement
WH-CE-E1803002
EN55024:2010 + A1:2015
ESD Electrostatic discharge immunity test
Air: ±2, 4, 6, 8kV
Contact: ±2, 4kV
EN61000-4-2:2009, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
1, 3, 10V/m
EN61000-4-3:2010, Criteria A
Fast Transient and Burst Immunity
DC Power Port: ±0.5, 1, 2kV
EN61000-4-4:2012, Criteria A
Surge Immunity
DC Power Port: ±0.5, 1kV
EN61000-4-5:2017, Criteria B
Immunity to conducted disturbances, induced by radio-frequency fields
10V r.m.s
EN61000-4-6:2014, Criteria A
Power Magnetic Field Immunity
50Hz / 1A/m
EN61000-4-8:2010, Criteria A
EMC Filtering Suggestions for EN55032
C1
-Vout
+Vout
-Vin
+Vin
C2
L1
+V
out
+V
in
-V
out
-V
in
Component List Class B
Model
C1
L1
C2
R2SX-05xx
10µF MLCC
10µH SMD Inductor
470pF/4kVDC
R2SX-24xx
47µH SMD Inductor
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
base
PCB
black plastic, (UL94V-0)
FR4, (UL94V-0)
Package Dimension (LxWxH)
15.24 x 11.1 x 8.0mm
Package Weight
1.6g typ.
continued on next page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com