Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2SX Datasheet(PDF) 4 Page - Recom International Power

Part # R2SX
Description  2 Watt SMD Single Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R2SX Datasheet(HTML) 4 Page - Recom International Power

  R2SX Datasheet HTML 1Page - Recom International Power R2SX Datasheet HTML 2Page - Recom International Power R2SX Datasheet HTML 3Page - Recom International Power R2SX Datasheet HTML 4Page - Recom International Power R2SX Datasheet HTML 5Page - Recom International Power R2SX Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.recom-power.com
REV.: 0/2019
ECO-4
DC/DC Converter
Specifications (measured @ Ta= 25°C, nominal input voltage, full load unless otherwise specified)
R2SX
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
@ natural convection and full load (refer to derating graph)
-40°C to +75°C
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Pollution Degree
PD2
Vibration
according to MIL-STD-202G
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+75°C
12100 x 10³ hours
4400 x 10³ hours
Derating Graph
(@ Chamber and natural convection 0.1m/s)
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
75 85
110
100
100
80
75
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Audio/video, information and communication technology equipment - Safety
requirements
E224736
UL62368-1, 2nd Edition, 2014
CAN/CSA -C22.2 No. 62368-1-14, 2nd Edition
Information Technology Equipment, General Requirements for Safety
UL60950-1, 2nd Edition, 2014
CAN/CSA-C22.2 No. 60950-1-07, 2nd Edition
Audio/video, information and communication technology equipment - Safety
requirements (CB Scheme)
WD-ITAV-190016-A0
IEC62368-1:2014, 2nd Edition
Audio/video, information and communication technology equipment - Safety
requirements
EN62368-1:2014 + A11:2017
RoHS2
RoHS 2011/65/EU + AM2015/863
continued on next page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com