Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA970 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSA970
Description  CSA 970 PNP SILICON PLANAR EPITAXIAL TRANSISTORS, CSC 2240 NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA970 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSA970 Datasheet HTML 1Page - Continental Device India Limited CSA970 Datasheet HTML 2Page - Continental Device India Limited CSA970 Datasheet HTML 3Page - Continental Device India Limited CSA970 Datasheet HTML 4Page - Continental Device India Limited CSA970 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 5
ELECTRICAL CHARACTERISTICS (Ta = 25 °C unless otherwise specified)
Characteristic
Characteristic
Characteristic
Characteristic
Characteristic
Symbol
Symbol
Symbol
Symbol
Symbol
Min
Min
Min
Min
Min Typ
Typ
Typ
Typ
Typ Max
Max
Max
Max
Max
Unit
Unit
Unit
Unit
Unit
Collector Cutoff Current
VCB=120V, IE=0
ICBO
-
-
100
nA
Emitter Cutoff Current
VEB=5V, IC=0
IEBO
-
-
100
nA
Collector Emitter Voltage
IC=1mA, IB=0
BVCEO
120
-
-
V
D.C. Current Gain
VCE=6V, IC=2mA
hFE
200
-
700
Collector Emitter Saturation Voltage
IC=10mA, IB=1mA
VCE(sat)
-
-
0.3
V
Base Emitter On Voltage
VCE=6V, IC=2mA
VBE (on)
-
0.65
-
V
DYNAMIC CHARACTERISTICS
Transition Frequency
VCE=6V, IC=1mA
fT
-
100
-
MHz
Collector Output Capacitance
VCB=10V, IE=0, f=1MHz
CSA970
Cob
-
4.0
-
pF
CSC2240
-
3.0
-
pF
Noise Figure
VCE=5V, IC=250uA
NF
-
-
10
dB
Rg=1k
Ω, f=10Hz to 15.7 kHz
VCE=6V, IC=100uA, f=1KHz
-
3
-
dB
Rg=100
hFE Classification
GR
BL
200-400
350-700
CSA970
CSC2240



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com