Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA970 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA970
Description  CSA 970 PNP SILICON PLANAR EPITAXIAL TRANSISTORS, CSC 2240 NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA970 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA970 Datasheet HTML 1Page - Continental Device India Limited CSA970 Datasheet HTML 2Page - Continental Device India Limited CSA970 Datasheet HTML 3Page - Continental Device India Limited CSA970 Datasheet HTML 4Page - Continental Device India Limited CSA970 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 5
CSA 970 PNP SILICON PLANAR EPITAXIAL TRANSISTORS
CSC 2240 NPN SILICON PLANAR EPITAXIAL TRANSISTORS
Low Noise Audio Amplifier
ABSOLUTE MAXIMUM RATINGS
Rating
Rating
Rating
Rating
Rating
Symbol
Symbol
Symbol
Symbol
Symbol
Value
Value
Value
Value
Value
Unit
Unit
Unit
Unit
Unit
Collector Base Voltage
VCBO
120
V
Collector Emitter Voltage
VCEO
120
V
Emitter Base Voltage
VEBO
5V
Collector Current Continuous
IC
100
mA
Emitter Current
IE
100
mA
Power Dissipation
PD
300
mW
Operating and Storage Junction
Tj,Tstg
-55 to +150
°C
Temperature Range
CSA970
CSC2240
1 = EMITTER
2 = COLLECTOR
3 = BASE
1 = EMITTER
2 = COLLECTOR
3 = BASE
DIM
MIN
MAX
A
4,32
5,33
B
4,45
5,20
C
3,18
4,19
D
0,41
0,55
E
0,35
0,50
F
5 DEG
G
1,14
1,40
H
1,14
1,53
K
12,70
L
1.982
2.082
ALL DIMENSIONS IN M.M.
1 2 3
E C
B
TO-92 Plastic Package
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSA970

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA916 CDIL-CSA916 Datasheet
156Kb / 2P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CSA928A CDIL-CSA928A Datasheet
159Kb / 2P
PNP/NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
CSA928APNP CDIL-CSA928APNP Datasheet
159Kb / 2P
PNP/NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
CSA931 CDIL-CSA931 Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CSA931PNP CDIL-CSA931PNP Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
More results

Similar Description - CSA970

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1343 SANYO-2SA1343 Datasheet
331Kb / 5P
PNP /NPN EPITAXIAL PLANAR SILICON TRANSISTORS
2SA1511 SANYO-2SA1511 Datasheet
88Kb / 2P
PNP / NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Continental Device Indi...
2N4400 CDIL-2N4400 Datasheet
153Kb / 6P
NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Sanyo Semicon Device
2SC4361 SANYO-2SC4361 Datasheet
88Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
2SA1420 SANYO-2SA1420 Datasheet
94Kb / 2P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Guangdong Kexin Industr...
2SB1394 KEXIN-2SB1394 Datasheet
55Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Seme LAB
BUX77A SEME-LAB-BUX77A_09 Datasheet
98Kb / 3P
SILICON PLANAR EPITAXIAL NPN/PNP TRANSISTORS
logo
DONGGUAN YOU FENG WEI E...
MMBT3946DW YFWDIODE-MMBT3946DW Datasheet
636Kb / 6P
NPN / PNP Silicon Epitaxial Planar Transistors
MMBT4413DW YFWDIODE-MMBT4413DW Datasheet
560Kb / 6P
NPN / PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com