Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA970 Datasheet(PDF) 4 Page - Continental Device India Limited

Part # CSA970
Description  CSA 970 PNP SILICON PLANAR EPITAXIAL TRANSISTORS, CSC 2240 NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA970 Datasheet(HTML) 4 Page - Continental Device India Limited

  CSA970 Datasheet HTML 1Page - Continental Device India Limited CSA970 Datasheet HTML 2Page - Continental Device India Limited CSA970 Datasheet HTML 3Page - Continental Device India Limited CSA970 Datasheet HTML 4Page - Continental Device India Limited CSA970 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Continental Device India Limited
Data Sheet
Page 4 of 5
CSA970
CSC2240
IC – VCE
(Low Current and Low Voltage Region)
4
3
2
1
0
02
4
6
8
10
COMMON EMITTER
Ta = 25°C
10
9
8
7
6
5
4
3
2
1
0
Collector-Emitter Voltage V
CE (V)
hFE – IC
500
300
100
50
30
0.1
0.3 0.5
1
3
5
10
30
50
100
300
Collector Current IC (mA)
Ta = 100°C
25
–25
COMMON EMITTER
VCE = 6 V
IC – VBE
COMMON EMITTER
IC /IB = 10
Base-Emitter Voltage V
BE (V)
200
160
120
80
40
0
0.2
0.4
0.6
0.8
1.0
IB = 1 µA
CSC2240



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com