Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTT67CS2U1 Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # LTT67CS2U1
Description  Standard SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

LTT67CS2U1 Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  LTT67CS2U1 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VLMTG41S2U1
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 02-Oct-13
3
Document Number: 83377
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Relative Luminous Intensity vs. Wavelength
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Luminous Intensity vs. Forward Current
Fig. 6 - Shift of Dominant Wavelength vs. Forward Current
Fig. 7 - Forward Voltage vs. Ambient Temperature
Fig. 8 - Relative Luminous Intensity vs. Ambient Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
460
500
540
580
620
λ - Wavelength (nm)
16068
true green
22427
1
10
100
2.0
2.5
3.0
3.5
4.0
4.5
VF - Forward Voltage (V)
22428
0.1
1
10
110
100
IF - Forward Current (mA)
22429
- 15
- 10
- 5
0
5
10
020
40
60
80
100
IF - Forward Current (mA)
22430
2.8
3.0
3.2
3.4
3.6
3.8
- 40
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
22431
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
- 40
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com