Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTT67CS2U1 Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # LTT67CS2U1
Description  Standard SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

LTT67CS2U1 Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  LTT67CS2U1 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VLMTG41S2U1
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 02-Oct-13
1
Document Number: 83377
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard SMD LED PLCC-2
DESCRIPTION
This device has been designed to meet the increasing
demand for InGaN true green SMD LED.
The package of the VLMTG41.. is the PLCC-2.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled with
clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• High efficient InGaN technology
• EIA and ICE standard package
• Compatible with IR reflow, vapor phase and
wave
solder
processes
according
to
CECC 00802 and J-STD-020
• Available in 8 mm tape reel
• Preconditioning according to JEDEC® level 2a
• AEC-Q101 qualified
• ESD-withstand voltage: Up to 2 kV HBM
according to JESD22-A114-B
• Material categorization: For definitions of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: Backlighting in dashboards and switches
• Telecommunication:
Indicator
and
backlighting
in
telephone and fax
• Backlighting for audio and video equipment
• Backlighting in office equipment
• Indoor and outdoor message boards
• Flat backlight for LCDs, switches, and symbols
• Illumination purposes, alternative to incandescent lamps
• General use
19225
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN. TYP. MAX.
MIN. TYP. MAX.
MIN. TYP. MAX.
VLMTG41S2U1-GS08 True green
224
380
560
10
515
530
541
10
-
3.2
4.2
20
InGaN on Sapphire
VLMTG41S2U1-GS18 True green
224
380
560
10
515
530
541
10
-
3.2
4.2
20
InGaN on Sapphire
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) 
VLMTG41..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
DC forward current
Tamb  80 °C
IF
20
mA
Surge forward current
tp  10 μs
IFSM
0.1
A
Power dissipation
PV
84
mW
Junction temperature
Tj
110
°C
Storage temperature range
Tstg
-40 to +100
°C
Operating temperature range
Tamb
-40 to +100
°C
Thermal resistance junction/ambient
Mounted on PC board (pad size > 16 mm2)RthJA
360
K/W
香港至恩科技有限公司
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - LTT67CS2U1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTT67C OSRAM-LTT67C Datasheet
606Kb / 22P
TOPLED
LTT67C-S2V1-35 OSRAM-LTT67C-S2V1-35 Datasheet
606Kb / 22P
TOPLED
More results

Similar Description - LTT67CS2U1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
Standard SMD LED PLCC-2
06-Sep-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
Standard SMD LED PLCC-2
31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
Standard SMD LED PLCC-2
16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
Standard SMD LED PLCC-2
28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
30-Aug-07
VLMW41R2S2-5K8L-08 VISHAY-VLMW41R2S2-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
VLMY31 VISHAY-VLMY31 Datasheet
940Kb / 7P
Standard SMD LED PLCC-2
26-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMB31J2L2-GS08 TO-GRACE-VLMB31J2L2-GS08 Datasheet
641Kb / 7P
Standard SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com