Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTT67CS2U1 Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # LTT67CS2U1
Description  Standard SMD LED PLCC-2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

LTT67CS2U1 Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  LTT67CS2U1 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTT67CS2U1 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VLMTG41S2U1
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 02-Oct-13
2
Document Number: 83377
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Not designed for reverse operation
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 11 %.
These type numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on
each reel (there will be no mixing of two groups on each reel). In
order to ensure availability, single brightness groups are not be
orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
on any one reel.
In order to ensure availability, single wavelength groups are not
be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) 
VLMTG41.., TRUE GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 10 mA
VLMTG41S2U1
IV
224
380
560
mcd
Dominant wavelength
IF = 10 mA
d
515
530
541
nm
Peak wavelength
IF = 10 mA
p
-
520
-
nm
Angle of half intensity
IF = 10 mA
-± 60
-
deg
Forward voltage
IF = 20 mA
VF
-3.2
4.2
V
Temperature coefficient of VF
IF = 10 mA
TCVF
--4-
mV/K
Temperature coefficient of IV
IF = 10 mA
TCIV
-
-0.25
-
%/K
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
OPTIONAL
MIN.
MAX.
S
2
224
280
T
1
280
355
2
355
450
U
1
450
560
COLOR CLASSIFICATION
GROUP
TRUE GREEN
DOM. WAVELENGTH (nm)
MIN.
MAX.
3
515
523
4
521
529
5
527
535
6
533
541
CROSSING TABLE
VISHAY
OSRAM
VLMTG41S2U1
LTT67CS2U1
0
10
20
30
0
20406080
100
T
amb - Ambient Temperature (°C)
20913
120
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com