Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5701 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH5701
Description  Ambient Light Sensor Preliminary Version 0.2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5701 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH5701 Datasheet HTML 1Page - OSRAM GmbH SFH5701 Datasheet HTML 2Page - OSRAM GmbH SFH5701 Datasheet HTML 3Page - OSRAM GmbH SFH5701 Datasheet HTML 4Page - OSRAM GmbH SFH5701 Datasheet HTML 5Page - OSRAM GmbH SFH5701 Datasheet HTML 6Page - OSRAM GmbH SFH5701 Datasheet HTML 7Page - OSRAM GmbH SFH5701 Datasheet HTML 8Page - OSRAM GmbH SFH5701 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2018-07-09
1
Preliminary – For Reference only. Subject to change.
2018-01-22
Ambient Light Sensor
Preliminary Version 0.2
SFH 5701
Ordering Information
Features:
Analog output current is proportional to Ambient Light Intensity
Spectral response close to human eye sensitivity
Integrated dark current suppression
Built in thermal compensation
Linear response over 6 decades of illumination range
Applications
Control of display backlighting
Mobile devices
Home automation/ smart speakers
Smart TV
Industrial displays
Smart lighting control
Type:
Output current
Ordering Code
I
OUT [µA]
V
DD = 5 V, EV = 100 lx (white LED)
SFH 5701
typ. 135
Q65112A5752
Note:
Only one bin within one packing unit, see characteristics.


Similar Part No. - SFH5701

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH5701A01 OSRAM-SFH5701A01 Datasheet
1Mb / 12P
Ambient Light Sensor Version 1.1
More results

Similar Description - SFH5701

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
Ambient Light Sensor
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
Ambient Light Sensor
logo
ON Semiconductor
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
Ambient Light Sensor
October, 2012 ??Rev. 0
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
Ambient Light Sensor
20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
Ambient Light Sensor
November, 2017 ??Rev. 4
logo
OSRAM GmbH
SFH5701A01 OSRAM-SFH5701A01 Datasheet
1Mb / 12P
Ambient Light Sensor Version 1.1
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V01 Datasheet
144Kb / 6P
Ambient Light Sensor
08-Apr-14
TEMT6000X01 VISHAY-TEMT6000X01_V01 Datasheet
148Kb / 6P
Ambient Light Sensor
23-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com