Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5701 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH5701
Description  Ambient Light Sensor Preliminary Version 0.2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5701 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH5701 Datasheet HTML 1Page - OSRAM GmbH SFH5701 Datasheet HTML 2Page - OSRAM GmbH SFH5701 Datasheet HTML 3Page - OSRAM GmbH SFH5701 Datasheet HTML 4Page - OSRAM GmbH SFH5701 Datasheet HTML 5Page - OSRAM GmbH SFH5701 Datasheet HTML 6Page - OSRAM GmbH SFH5701 Datasheet HTML 7Page - OSRAM GmbH SFH5701 Datasheet HTML 8Page - OSRAM GmbH SFH5701 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2018-07-09
4
Preliminary – For Reference only. Subject to change.
Preliminary Version 0.2
SFH 5701
Dark Current 1) page 12
Idark = f(VDD)
Output Current 1) page 12
IOUT(T) / IOUT(25°C)= f(TA); Ev = 100lx; white LED; VDD = 5 V
Dark Current 1) page 12
Idark = f(TA)
Forward Current 1) page 12
IF = f(VF)
1
2
3
4
5
6
10
-10
10
-9
10
-8
10
-7
10
-6
100°
80°
25°
V
DD
[V]
-40
-20
0
20
40
60
80
100
0.8
0.9
1.0
1.1
1.2
T
A
[°C]
-40
-20
0
20
40
60
80
100
10
-10
10
-9
10
-8
10
-7
T
A
[°C]
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
10
-1
10
0
10
1
10
2
10
3
10
4
V
F
[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com