Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5701 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH5701
Description  Ambient Light Sensor Preliminary Version 0.2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5701 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH5701 Datasheet HTML 1Page - OSRAM GmbH SFH5701 Datasheet HTML 2Page - OSRAM GmbH SFH5701 Datasheet HTML 3Page - OSRAM GmbH SFH5701 Datasheet HTML 4Page - OSRAM GmbH SFH5701 Datasheet HTML 5Page - OSRAM GmbH SFH5701 Datasheet HTML 6Page - OSRAM GmbH SFH5701 Datasheet HTML 7Page - OSRAM GmbH SFH5701 Datasheet HTML 8Page - OSRAM GmbH SFH5701 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2018-07-09
2
Preliminary – For Reference only. Subject to change.
Preliminary Version 0.2
SFH 5701
Maximum Ratings (T
A = 25 °C)
Operating Conditions
Characteristics (T
A = 25 °C)
Parameter
Symbol
Values
Unit
Operation temperature range
T
op
-40 ... 100
°C
Storage temperature range
T
stg
-40 ... 100
°C
Supply voltage
V
ddmax
6
V
Supply current
(internally limited)
I
ddmax
15
mA
Forward voltage
V
F
0.56
V
Forward current
I
F
0.5
mA
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
V
ESD
2000
V
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-002 - CDM)
VESD
750
V
ESD withstand voltage
(acc. to ANSI/ ESDA/ JESD22-A115-MM)
V
ESD
400
V
Parameter
Symbol
Values
Unit
min
typ
max
Supply voltage
(for the choice of R
LOAD refer to Appnote AN132)
V
dd
1.45
5.5
V
Supply current
(V
DD = 5 V, for the choice of RLOAD refer to Appnote AN132)
I
dd
0.01
10k
µA
Illuminance range
E
V
0.01
10k
lx
Parameter
Symbol
Values
Unit
Spectral sensitivity
(V
DD = 5 V, EV = 100 lx, white LED)
(typ)
S
1
µA/ lx
Wavelength of max. sensitivity
(typ)
λ
S max
600
nm
Spectral range of sensitivity
(min)
(max)
λ
10%
λ
10%
450
705
nm
nm
Dimensions of radiant sensitive area
(typ)
L x W
0.33 x 0.33
mm x
mm
Half angle
(typ)
ϕ
± 60
°
Output impedance
(typ)
Z
OUT
10
Forward voltage
( I
F = 200 µA, E = 0)
(typ)
V
F
0.52
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com