| Electronic Components Datasheet Search |
|
TUSB8043AI Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB8043AI Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 56 page ![]() VBUS Detect SuperSpeed Hub USB 2.0 Hub Oscilator XI XO Clock and Reset Distribution Control Registers GPIO I2C SMBUS Power Distribution VDD33 VSS GRSTz SCL/SMBCLK SDA/SMBDAT SMBUSz/SS_SUSPEND PWRCTL1/BATEN1 OVERCUR1z PWRCTL2/BATEN2 OVERCUR2z PWRCTL_POL GANGED/SMBA2/HS_UP FULLPWRMGMTz/SMBA1/SS_UP VDD TEST OTP ROM PWRCTL3/BATEN3 OVERCUR3z PWRCTL4/BATEN4 OVERCUR4z AUTOENz/HS_SUSPEND HID to I2C 14 TUSB8043A SLLSF94 – JUNE 2019 www.ti.com Product Folder Links: TUSB8043A Submit Documentation Feedback Copyright © 2019, Texas Instruments Incorporated 8 Detailed Description 8.1 Overview The TUSB8043A is a four-port USB 3.2 x1 Gen1 compliant hub. It provides simultaneous SuperSpeed USB and high-speed/full-speed connections on the upstream port and provides SuperSpeed USB, high-speed, full-speed, or low-speed connections on the downstream ports. When the upstream port is connected to an electrical environment that only supports high-speed or full-speed/low-speed connections, SuperSpeed USB connectivity is disabled on the downstream ports. When the upstream port is connected to an electrical environment that only supports full-speed/low-speed connections, SuperSpeed USB and high-speed connectivity are disabled on the downstream ports. 8.2 Functional Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |