Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043AI Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB8043AI
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8043AI Datasheet(HTML) 1 Page - Texas Instruments

  TUSB8043AI Datasheet HTML 1Page - Texas Instruments TUSB8043AI Datasheet HTML 2Page - Texas Instruments TUSB8043AI Datasheet HTML 3Page - Texas Instruments TUSB8043AI Datasheet HTML 4Page - Texas Instruments TUSB8043AI Datasheet HTML 5Page - Texas Instruments TUSB8043AI Datasheet HTML 6Page - Texas Instruments TUSB8043AI Datasheet HTML 7Page - Texas Instruments TUSB8043AI Datasheet HTML 8Page - Texas Instruments TUSB8043AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
USB 3.x Host Controller
USB 2.0
Device
USB 3.x
Device
USB 2.0 Connection
USB 3.x Connection
USB 2.0/3.x Device
USB 3.x Device
USB 2.0 Device
USB 3.1 System Implementation
USB 1.x Device
USB 1.1
Device
USB 1.x Connection
TUSB8043A
USB 2.0
Device
USB 3.x Hub
USB 3.x
Device
USB 2.0 Hub
USB 2.0
Device
USB 1.1
Device
USB 3.x
Device
USB 2.0
HID to I2C
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB8043A
SLLSF94 – JUNE 2019
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
1
1 Features
1
•
Four port USB 3.2 x1 Gen1 (5 Gbps) hub
•
USB 2.0 hub features
–
Multi transaction translator (MTT) hub: four
transaction translators
–
Two asynchronous endpoint buffers per
transaction translator
•
Supports battery charging:
–
Supports D+/D- divider charging port (ACP1,
ACP2, and ACP3) when the upstream port is
unconnected or not configured
–
Supports automatic mode for transition
between DCP or ACP modes when the
upstream port is unconnected
–
Supports galaxy charging
–
CDP mode (upstream port connected)
–
DCP mode (upstream port unconnected)
–
DCP mode complies with chinese
telecommunications industry standard YD/T
1591-2009
•
Supports Operation as a USB 3.2 x1 Gen1 or
USB 2.0 Compound Device
•
Per port or ganged power switching and over-
current notification inputs
•
Supports four external downstream ports plus
internal USB 2.0-only port for USB HID to I2C
functionality
•
Internal downstream port for I2C control through
USB HID supports high-speed, full-speed
operation. Its speed matches that of the upstream
port.
•
Supports vendor requests to read and write I2C
and EEPROM read at 100 k and 400 k (Default)
•
I2C master supports clock stretching
•
OTP ROM, Serial EEPROM or I2C/SMBus slave
interface for custom configurations:
–
VID and PID
–
Port customizations
–
Manufacturer and product strings (not by OTP
ROM)
–
Serial number (not by OTP ROM)
•
Application Feature selection using pin selection
or EEPROM or I2C/SMBus slave interface
•
Provides 128-Bit Universally Unique Identifier
(UUID)
•
Supports on-board and in-system EEPROM
programming Via the USB 2.0 upstream port
•
Single clock input, 24-MHz crystal or oscillator
•
Downstream ports configurable to USB2.0 only
•
64-Pin QFN package (RGC)
2 Applications
Computer systems, docking stations, monitors,
set-top boxes
3 Description
The TUSB8043A is a four-port USB 3.2 x1 Gen1 (5
Gbps) hub. It provides simultaneous SuperSpeed
USB and high-speed/full-speed connections on the
upstream port and provides SuperSpeed USB, high-
speed, full-speed, or low-speed connections on the
downstream ports. When the upstream port is
connected to an electrical environment that only
supports
high-speed
or
full-speed/low-speed
connections,
SuperSpeed
USB
connectivity
is
disabled on the downstream ports.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB8043A
VQFN (64)
9.00 mm × 9.00 mm
TUSB8043AI
VQFN (64)
9.00 mm × 9.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Diagram


Similar Part No. - TUSB8043AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8043AI TI2-TUSB8043AI Datasheet
2Mb / 62P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
JUNE 2019
TUSB8043AIRGCR TI2-TUSB8043AIRGCR Datasheet
2Mb / 62P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
JUNE 2019
TUSB8043AIRGCR.A TI2-TUSB8043AIRGCR.A Datasheet
2Mb / 62P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
JUNE 2019
TUSB8043AIRGCT TI2-TUSB8043AIRGCT Datasheet
2Mb / 62P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
JUNE 2019
TUSB8043AIRGCT.A TI2-TUSB8043AIRGCT.A Datasheet
2Mb / 62P
TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
JUNE 2019
More results

Similar Description - TUSB8043AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8044 TI1-TUSB8044 Datasheet
1Mb / 61P
Four-Port USB 3.1 Gen1 Hub with USB Billboard
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
TUSB8042 TI1-TUSB8042 Datasheet
1Mb / 55P
Four-Port USB 3.1 Gen1 Hub
TUSB8041A TI1-TUSB8041A Datasheet
2Mb / 57P
Four-Port USB 3.1 Gen1 Hub
TUSB8044A TI1-TUSB8044A Datasheet
2Mb / 63P
four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8044A TI1-TUSB8044A_19 Datasheet
2Mb / 69P
four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8042A TI1-TUSB8042A Datasheet
1Mb / 55P
Four-port USB 3.2 x1 Gen1 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com