Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043AI Datasheet(PDF) 35 Page - Texas Instruments

Part # TUSB8043AI
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8043AI Datasheet(HTML) 35 Page - Texas Instruments

Back Button TUSB8043AI Datasheet HTML 31Page - Texas Instruments TUSB8043AI Datasheet HTML 32Page - Texas Instruments TUSB8043AI Datasheet HTML 33Page - Texas Instruments TUSB8043AI Datasheet HTML 34Page - Texas Instruments TUSB8043AI Datasheet HTML 35Page - Texas Instruments TUSB8043AI Datasheet HTML 36Page - Texas Instruments TUSB8043AI Datasheet HTML 37Page - Texas Instruments TUSB8043AI Datasheet HTML 38Page - Texas Instruments TUSB8043AI Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
35
TUSB8043A
www.ti.com
SLLSF94 – JUNE 2019
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.19 Device Configuration Register 3
Figure 20. Register Offset 25h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 24. Bit Descriptions – Device Configuration Register 3
Bit
Field
Type
Description
7:6
RSVD
RO
Reserved. Read only, returns 0 when read.
5
bcdUSB30
RW
This field when set forces SS hub to report bcdUSB = 3.0 instead of
3.2.
4
USB2.0_only
RW
USB 2.0 hub reports as 2.0 only. This bit disables the USB 2.0 hub
from reporting 5Gbps support in the wSpeedsSupported field of the
USB SS BOS SS device capability descriptor. This bit also disables
the USB3.0 hub.
This bit is read/write but the read value returned is the Boolean OR of
this bit and the corresponding eFuse bit. If either bit is set, this feature
is enabled.
3
USB2_DFP_UNCONF
RW
This field when set enables USB 2.0-defined Unconfigured state on
DFPs.
2
I2C_100k
R/W
I2C 100kHz. This bit controls the clock rate of the I2C master for both
USB to I2C requests . The EEPROM reads occurs at 400K unless
eFuse is used to set the rate to 100k.
This bit is read/write but the read value returned is the Boolean OR of
this bit and the corresponding eFuse bit. If either bit is set, this feature
is enabled.
1
Galaxy_Enz
R/W
Disable Galaxy compatible modes. When this field is high, Galaxy
charging compatible mode does not included in AUTOMODE charger
sequence.
This bit is read/write but the read value returned is the Boolean OR of
this bit and the corresponding eFuse bit. If either bit is set, this feature
is disabled.
0
FullAutoEn
R/W
Enable all divider battery charging modes. When automode is enabled
and this bit is set, any DS port enabled for battery charging attempts
all divider battery charging modes before DCP, starting with the
highest current option.
The bit is writable, but the value read back is the Boolean OR of this
bit and the corresponding eFuse control.
If either bit is set, eFuse or this register, this feature is enabled.
8.5.20 USB 2.0 Only Port Register
Figure 21. Register Offset 26h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
1
0
0
0
0
Table 25. Bit Descriptions – USB 2.0 Only Port Register
Bit
Field
Type
Description
7:4
RSVD
RO
Reserved. Read only.
3:0
USB2_ONLY[3:0]
RO/RW
USB 2.0 Only Ports. The bits in this field primarily indicate whether a
port is enabled only for USB 2.0 operation. This field is read-only
unless customRmbl bit is set. Also, these bits overrides the
corresponding USED bit.
A value of 0 indicates the hub port is enabled for both USB 3.2 and
USB 2.0.
A value of 1 indicates the hub port is enabled only for USB 2.0
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com