Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K37FS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM3K37FS
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K37FS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM3K37FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K37FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K37FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K37FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K37FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSM3K37FS
2014-03-01
3
RDS (ON) – Ta
−50
0
50
150
100
Common source
Pulse test
ID = 10 mA / VGS = 1.5 V
20 mA / 1.8 V
100 mA / 4.5 V
50 mA / 2.5 V
0
4
2
5
1
3
Vth – Ta
1.0
0
−50
0
150
50
100
0.5
Common source
VDS = 3 V
ID = 1 mA
RDS (ON) – ID
0
200
300
400
500
100
0
4
6
2
5
1
3
VGS = 4.5V
1.5 V
1.8 V
Common source
Ta
= 25°C
Pulse test
2.5V
ID – VGS
1000
0
10
100
0.1
1
0.01
3.0
1.0
2.0
− 25 °C
Ta
= 100 °C
25 °C
Common source
VDS = 3 V
Pulse test
ID – VDS
0
400
0
0.2
0.4
0.6
300
100
500
0.8
1.0
200
VGS = 1.2 V
10 V
Common source
Ta
= 25 °C
Pulse test
4.5 V
1.8 V
2.5 V
1.5 V
0
4
0
RDS (ON) – VGS
4
6
2
8
2
6
10
ID = 100 mA
Common source
Pulse test
5
1
3
− 25 °C
Ta
= 100 °C
25 °C
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
Gate-source voltage VGS (V)
Drain current ID (mA)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com