Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K37FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K37FS
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K37FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K37FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K37FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K37FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K37FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K37FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3K37FS
2014-03-01
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K37FS
○
High Speed Switching Applications
○
Analog Switch Applications
• 1.5Vdrive
• Low ON-resistance
RDS(ON) = 5.60 Ω (max) (@VGS = 1.5 V)
RDS(ON) = 4.05 Ω (max) (@VGS = 1.8 V)
RDS(ON) = 3.02 Ω (max) (@VGS = 2.5 V)
RDS(ON) = 2.20 Ω (max) (@VGS = 4.5 V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDSS
20
V
Gate-Source voltage
VGSS
± 10
V
DC
ID
200
Drain current
Pulse
IDP
400
mA
Power dissipation
PD
100
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Equivalent Circuit (Top View)
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-2H1B
Weight: 2.4mg(typ.)
SU
1
2
3
1
2
3
SSM
1.
Gate
2.
Source
3.
Drain
Start of commercial production
2011-01


Similar Part No. - SSM3K37FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K376R TOSHIBA-SSM3K376R Datasheet
254Kb / 9P
MOSFETs Silicon N-Channel MOS
SSM3K376R TOSHIBA-SSM3K376R Datasheet
243Kb / 9P
MOSFETs Silicon N-Channel MOS
2021-05-28 Rev.3.0
SSM3K376RLF TOSHIBA-SSM3K376RLF Datasheet
243Kb / 9P
MOSFETs Silicon N-Channel MOS
2021-05-28 Rev.3.0
SSM3K376RLXGF TOSHIBA-SSM3K376RLXGF Datasheet
243Kb / 9P
MOSFETs Silicon N-Channel MOS
2021-05-28 Rev.3.0
SSM3K376RLXHF TOSHIBA-SSM3K376RLXHF Datasheet
243Kb / 9P
MOSFETs Silicon N-Channel MOS
2021-05-28 Rev.3.0
More results

Similar Description - SSM3K37FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
16-Jan-2002
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
28-Mar-2003
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com