Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K37FS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM3K37FS
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K37FS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM3K37FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K37FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K37FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K37FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K37FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSM3K37FS
2014-03-01
4
C – VDS
1
0.1
1
10
100
10
100
30
50
3
5
Common source
Ta
= 25°C
f
= 1 MHz
VGS = 0 V
Ciss
Coss
Crss
|Yfs| – ID
10
1000
100
1000
10
100
300
30
1
Common source
VDS = 3 V
Ta
= 25°C
Pulse test
t – ID
1
1
1000
10
100
1000
10
tf
ton
tr
toff
100
Common source
VDD = 10 V
VGS = 0 to2.5 V
Ta
= 25 °C
RG = 50Ω
IDR – VDS
1000
0
10
100
0.1
1
–0.5
–1.0
–1.5
25 °C
Ta =100 °C
Common source
VGS = 0 V
Pulse test
G
D
S
IDR
−25 °C
Drain current ID (mA)
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Drain current ID (mA)
PD – Ta
Ambient temperature Ta (°C)
0
0
100
250
160
40
50
150
200
20
60
80
100
140
120



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com