Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K44FS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM3K44FS
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K44FS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM3K44FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K44FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K44FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K44FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K44FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSM3K44FS
2014-03-01
3
Ambient temperature Ta (°C)
Vth – Ta
Drain-Source voltage VDS (V)
ID – VDS
0
0
100
250
12
1.5
0.5
50
150
200
VGS = 2.1 V
2.3
2.5
2.7
Common Source
Ta = 25°C
3
4
10
ID – VGS
Gate-Source voltage VGS (V)
0.01
0
1
1000
24
3
1
0.1
10
100
Ta = 100°C
Common Source
VDS = 3 V
−25°C
25°C
Drain current ID (mA)
RDS (ON) –ID
4 V
VGS = 2.5 V
0
0
4
10
80
200
160
40
2
6
8
120
Common Source
Ta = 25°C
Gate-Source voltage VGS (V)
RDS (ON) – VGS
0
0
2
6
410
8
2
1
4
5
6
3
25°C
Ta = 100°C
−25°C
Common Source
ID = 10 mA
Ambient temperature Ta (°C)
RDS (ON) – Ta
0
−25
2
8
50
150
125
0
1
5
6
75
4
4 V
VGS = 2.5 V
Common Source
ID = 10 mA
3
7
25
100
0
−25
0.4
2
50
150
125
0
0.2
1.2
1.6
75
1
Common Source
ID = 0.1 mA
VDS = 3 V
0.8
1.8
25
100
0.6
1.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com