Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K44FS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM3K44FS
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K44FS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM3K44FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K44FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K44FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K44FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K44FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSM3K44FS
2014-03-01
4
Drain current ID (mA)
⎪Yfs⎪ – ID
1
1
10
30
1000
100
1000
10
100
3
5
50
300
500
Common Source
VDS = 3 V
Ta = 25°C
IDR – VDS
Drain-Source voltage VDS (V)
0
0
100
250
−1.4
−0.4
50
150
200
−0.2
−0.6
−0.8
−1
−1.2
Common Source
VGS = 0 V
Ta = 25°C
G
D
S
IDR
Drain current ID (mA)
t – ID
10
0.1
100
300
10000
1000
100
1
10
30
50
500
3000
5000
Common Source
VDD = 3 V
VGS = 0 to 2.5 V
Ta = 25°C
tr
ton
tf
toff
Ambient temperature Ta (°C)
PD – Ta
0
0
100
250
160
40
50
150
200
20
60
80
100
140
120
Mounted on FR4 board
(25.4 mm
× 25.4 mm × 1.6 mm, Cu Pad: 0.36 mm2 ×3)
Drain-Source voltage VDS (V)
C – VDS
0.1
0.1
1
3
100
10
100
1
10
0.3
0.5
5
30
50
Common Source
VGS = 0 V
f = 1 MHz
Ta = 25°C
Crss
Coss
Ciss
Drain current ID (mA)
t – ID
10
0.1
100
300
10000
1000
100
1
10
30
50
500
3000
5000
Common Source
VDD = 5 V
VGS = 0 to 5 V
Ta = 25°C
tr
ton
tf
toff



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com