Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K44FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3K44FS
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K44FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3K44FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K44FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K44FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K44FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K44FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM3K44FS
2014-03-01
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±14 V, VDS = 0 V
±1
μA
Drain-Source breakdown voltage
V (BR) DSS
ID = 0.1 mA, VGS = 0 V
30
V
Drain Cut-off current
IDSS
VDS = 30 V, VGS = 0 V
1
μA
Gate threshold voltage
Vth
VDS = 3 V, ID = 0.1 mA
0.8
1.5
V
Forward transfer admittance
|Yfs|
VDS = 3 V, ID = 10 mA
25
mS
ID = 10 mA, VGS = 4 V
2.2
4.0
Drain-Source ON resistance
RDS (ON)
ID = 10 mA, VGS = 2.5 V
4.0
7.0
Ω
Input capacitance
Ciss
8.5
Reverse transfer capacitance
Crss
5.3
Output capacitance
Coss
VDS = 3 V, VGS = 0 V, f = 1 MHz
9.4
pF
Turn-on time
ton
50
Switching time
Turn-off time
toff
VDD = 5 V, ID = 10 mA,
VGS = 0 to 5 V
200
ns
Switching Time Test Circuit
(a) Test circuit
(b) VIN
Precaution
Let Vth be the voltage applied between gate and source that causes the drain current (ID) to be low (0.1mA for the
SSM3K44FS). Then, for normal switching operation, VGS(on) must be higher than Vth, and VGS(off) must be lower than
Vth. This relationship can be expressed as: VGS(off) < Vth < VGS(on).
Take this into consideration when using the device
VDD = 5 V
Duty
≤ 1%
VIN: tr, tf < 5 ns
(Zout = 50 Ω)
Common source
Ta = 25°C
VDD
OUT
IN
5 V
0
10
μs
RL
(c) VOUT
ton
90%
10%
0 V
5 V
10%
90%
toff
tr
tf
VDD
VDS (ON)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com