Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318-IP Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS61318-IP
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318-IP Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS61318-IP Datasheet HTML 2Page - Cirrus Logic CS61318-IP Datasheet HTML 3Page - Cirrus Logic CS61318-IP Datasheet HTML 4Page - Cirrus Logic CS61318-IP Datasheet HTML 5Page - Cirrus Logic CS61318-IP Datasheet HTML 6Page - Cirrus Logic CS61318-IP Datasheet HTML 7Page - Cirrus Logic CS61318-IP Datasheet HTML 8Page - Cirrus Logic CS61318-IP Datasheet HTML 9Page - Cirrus Logic CS61318-IP Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
CS61318
6
DS441PP2
E1 SWITCHING CHARACTERISTICS (TA = -40
°C to 85°C; TV+, RV+ = 5.0 V ±5%;
GND = 0 V; Inputs: Logic 0 = 0 V, Logic 1 = RV+; See Figures 1, 2, & 3)
Notes: 16. MCLK provided by an external source to TCLK.
17. RCLK duty cycle will be 62.5% or 37.5% when jitter attenuator FIFO limits are reached.
18. At max load of 1.6mA and 50pF.
19. Host Mode (CLKE = 1).
20. Host Mode (CLKE = 0).
Parameter
Symbol
Min
Typ
Max
Units
TCLK Frequency
ftclk
-2.048
-
MHz
TCLK Duty Cycle
(Note12) tpwh2/tpw2
40
50
60
%
MCLK Frequency
(Note 16)
fmclk
-2.048
-
MHz
RCLK Duty Cycle
(Note 17) tpwh1/tpw1
45
50
55
%
Rise Time, All Digital Outputs
(Note 18)
tr
--
85
ns
Fall Time, All Digital Outputs
(Note 19)
tf
--
85
ns
TPOS/TNEG to TCLK Falling Setup Time
tsu2
25
-
-
ns
TCLK Falling to TPOS/TNEG Hold Time
th2
25
-
-
ns
RPOS/RNEG Valid Before RCLK Falling
(Note 19)
tsu1
100
194
-
ns
RPOS/RNEG Valid Before RCLK Rising
(Note 20)
tsu1
100
194
-
ns
RPOS/RNEG Valid After RCLK Falling
(Note 19)
th1
100
194
-
ns
RPOS/RNEG Valid After RCLK Rising
(Note 20)
th1
100
194
-
ns
Any Digital Output
t r
t f
10%
10%
90%
90%
Figure 1. Signal Rise and Fall Characteristics
RCLK
tpw1
tpwl1
tpwh1
(CLKE = 1)
(CLKE = 0)
RCLK
RPOS
RNEG
su1
h1
tt
Figure 2. Recovered Clock and Data Switching Characteristics
TCLK
TPOS/TNEG
t su2
t h2
t pwh2
t pw2
Figure 3. Transmit Clock and Data Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com