Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318-IP Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS61318-IP
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318-IP Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS61318-IP Datasheet HTML 18Page - Cirrus Logic CS61318-IP Datasheet HTML 19Page - Cirrus Logic CS61318-IP Datasheet HTML 20Page - Cirrus Logic CS61318-IP Datasheet HTML 21Page - Cirrus Logic CS61318-IP Datasheet HTML 22Page - Cirrus Logic CS61318-IP Datasheet HTML 23Page - Cirrus Logic CS61318-IP Datasheet HTML 24Page - Cirrus Logic CS61318-IP Datasheet HTML 25Page - Cirrus Logic CS61318-IP Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
CS61318
22
DS441PP2
SDI - Serial Data Input, Pin 24 (Host Mode).
Data input to the on-chip register is sampled on the rising edge of SCLK. Note: this pin should be tied
to GND during Hardware Mode.
SDO - Serial Data Output, Pin 25 (Host Mode).
Status and control information are output from the on-chip register on SDO. If CLKE is high, SDO is
valid on the rising edge of SCLK. If CLKE is low, SDO is valid on the falling edge of SCLK. SDO goes
to a high-impedance state when the serial port is being written to, or after bit D7 is output or CS goes
high (whichever occurs first). Note: this pin should be tied to GND during Hardware Mode.
CS - Chip Select, Pin 26 (Host Mode).
The serial interface is accessible when CS transitions from high to low.
SCLK - Serial Clock Input, Pin 27 (Host Mode).
SCLK is used to write or read data bits to or from the serial port registers.
CLKE - Clock Edge, Pin 28 (Host Mode).
Setting CLKE to logic 1 causes RPOS and RNEG (RDATA) to be valid on the falling edge of RCLK, and
SDO to be valid on the rising edge of SCLK. Conversely, setting CLKE to logic 0 causes RPOS and
RNEG (RDATA) to be valid on the rising edge of RCLK and SDO to be valid on the falling edge of
SCLK.
4.6
Data Input/Output
TCLK - Transmit Clock Input, Pin 2.
The 2.048 MHz transmit clock is input on this pin. TPOS and TNEG or TDATA are sampled on the
falling edge of TCLK.
TPOS/TNEG - Transmit Positive Pulse, Transmit Negative Pulse, Pins 3 and 4.
Data input to TPOS and TNEG is sampled on the falling edge of TCLK and transmitted onto the line at
TTIP and TRING. An input on TPOS results in transmission of a positive pulse; an input on TNEG
results in transmission of a negative pulse. If TNEG, pin 4, is held high for 16 TCLK cycles, the
CS61318 reconfigures for unipolar (single pin NRZ) data input at pin 3, TDATA. If pin 4 goes low the
CS61318 switches back to two-pin bipolar data input format.
TDATA - Transmit Data, Pin 3.
When pin 4, TNEG/UBS, is held high, pin 3 becomes TDATA, a single-line NRZ (unipolar) data input
sampled on the falling edge of TCLK.
UBS - Unipolar / Bipolar Select, Pin 4.
When UBS is held high for 16 consecutive TCLK cycles (15 consecutive bipolar violations) the CS61318
reconfigures for unipolar (single-line NRZ) data input / output format. Pin 3 becomes TDATA, pin 7
becomes RDATA, and pin 6 becomes BPV.
RCLK - Recovered Clock Output, Pin 8.
RCLK outputs the clock recovered from the input signal at RTIP and RRING. In a Loss of Signal state
RCLK reverts to the MCLK frequency, or retains the frequency prior to the LOS state, depending on the
clocks provided. See the LOS pin description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com