Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61318-IP Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS61318-IP
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318-IP Datasheet(HTML) 1 Page - Cirrus Logic

  CS61318-IP Datasheet HTML 1Page - Cirrus Logic CS61318-IP Datasheet HTML 2Page - Cirrus Logic CS61318-IP Datasheet HTML 3Page - Cirrus Logic CS61318-IP Datasheet HTML 4Page - Cirrus Logic CS61318-IP Datasheet HTML 5Page - Cirrus Logic CS61318-IP Datasheet HTML 6Page - Cirrus Logic CS61318-IP Datasheet HTML 7Page - Cirrus Logic CS61318-IP Datasheet HTML 8Page - Cirrus Logic CS61318-IP Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS61318
E1 Line Interface Unit
Features
s E1 Line Interface Unit
s No Crystal Needed for Jitter Attenuation
s Meets CTR-12/TBR-12 Jitter Tolerance and Attenu-
ation Requirements
s Meets ITU-T G.775 Requirements for LOS and AIS
s Meets the BS6450 Transmitter Short-Circuit
Requirements for E1 Applications
s AWG for User Programmable Pulse Shapes
s Line Quality Monitoring Function
s TX Driver High Impedance / Low Power Control
s AIS and LOS Monitoring
s Generation and Detection of Loop Up / Loop Down
Signaling
s Selectable HDB3 Encoding/Decoding
s Selectable Unipolar or Bipolar I/O
s Compliant with:
— ITU-T Recommendations: G.703, G.732, G.775, I.431
— ETSI ETS 300 011, 300 233, CTR 12, TBR 13
— TR-NET-00499
Description
The CS61318 is an E1 primary rate line interface unit.
This device combines the complete analog transmit and
receive circuitry for a single, full-duplex interface E1
rates. The device provides jitter attenuation compliant to
CTR12/TBR13 without requiring an external crystal. Al-
so, the CS61318 is pin and function compatible with the
Level One LXT318.
In addition to a basic hardware control mode, a host
mode is available that gives the user an enhanced func-
tionality via a serial microprocessor interface. The
extended features include custom pulse shape genera-
tion, AIS and LOS monitoring functions, signal strength
monitoring, and generation and detection of loop up and
loop down codes.
ORDERING INFORMATION
CS61318-IL
28-pin PLCC
CS61318-IP
28-pin PDIP
TCLK
TDATA/TPOS
UBS/TNEG
JASEL
RCLK
RDATA/RPOS
BPV/RNEG
INT/NLOOP
LOS
2
3
4
E
N
C
O
D
E
R
11
REMOTE
LOOPBACK
8
7
6
D
E
C
O
D
E
R
23
12
INBAND
NLOOP
& LOS
PROCESSOR
RECEIVE
CLOCK
GENERATOR
9
10
XTALIN
XTALOUT
5
21
221415
MODE
RV+
RGND TGND
TV+
JITTER
ATTEN
TIMING
& DATA
RECOVERY
LOS/
NLOOP
Clear
REGISTERS & CONTROL LOGIC
TAOS Enable
JITTER
ATTEN
TRANSMIT
TIMING &
CONTROL
PULSE
SHAPING
CIRCUITRY
ROM / RAM
LINE DRIVERS
SERIAL
PORT
LLOOP
Enable
LOCAL
LOOPBACK
(ANALOG)
EQUALIZER
CONTROL
SLICERS
& PEAK
DETECT
NOISE &
CROSSTALK
FILTERS
MAGNITUDE
EQUALIZER
AGC
13
16
28
26
27
24
25
18
19
20
1
TTIP
TRING
CLKE/TAOS
CS/RLOOP
SCLK/LLOOP
SDI/LBO1
SDO/LBO2
LATN
RTIP
RRING
MCLK
LOCAL
LOOPBACK
(DIGITAL)
DS441PP2
AUG ‘99


Similar Part No. - CS61318-IP

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61310 CIRRUS-CS61310 Datasheet
515Kb / 30P
T1 INE INTERFACE UNIT
CS61310-IL CIRRUS-CS61310-IL Datasheet
515Kb / 30P
T1 INE INTERFACE UNIT
More results

Similar Description - CS61318-IP

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
Quad T1/E1 Line Interface Unit
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
Dual T1/E1 Line Interface Unit
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT59L91 EXAR-XRT59L91 Datasheet
292Kb / 28P
Single-Chip E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
Seven-Channel E1 Line Interface Unit
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
Quad E1 Line Interface Unit
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
Octal E1 Line Interface Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com