Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61310 Datasheet (PDF) - Cirrus Logic

CS61310 Datasheet PDF - Cirrus Logic
Part # CS61310
Download  CS61310 Download
File Size   515.3 Kbytes
Page   30 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description T1 INE INTERFACE UNIT

CS61310 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS61310 Datasheet PDF - Cirrus Logic

Part # CS61310
Download  CS61310 Click to download

File Size   515.3 Kbytes
Page   30 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description T1 INE INTERFACE UNIT

CS61310 Datasheet (HTML) - Cirrus Logic


CS61310 Product details

Description
The CS61310 is a T1 primary rate line interface unit. It combines the complete analog transmit and receive circuitry for a single, full-duplex interface at T1 rates. The device is pin and function compatible with the Level One LXT310.

Features
■ Provides T1 Line Interface
■ No Crystal Needed for Jitter Attenuation
■ Greater than 14dB of Transmit Return Loss
■ Meets AT&T 62411 Jitter Tolerance and Attenuation Requirements
■ Meets ANSI T1.231B Requirements for LOS and AIS
■ AWG for User Programmable Pulse Shapes
■ TX Driver High Impedance / Low Power Control
■ Generation and Detection of Loop Up / Loop Down Signaling
■ Selectable Unipolar or Bipolar I/O
■ Compliant with:
    — American National Standards (ANSI): T1.102, T1.105, T1.403, T1.408, and T1.231
    — FCC Rules and Regulations: Part 68 and Part 15
    — AT&T Publication 62411
    — TR-NET-00499




Similar Part No. - CS61310

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
E1 LINE INTERFACE UNIT
CS61318-IL CIRRUS-CS61318-IL Datasheet
442Kb / 28P
E1 LINE INTERFACE UNIT
CS61318-IP CIRRUS-CS61318-IP Datasheet
442Kb / 28P
E1 LINE INTERFACE UNIT
More results


Similar Description - CS61310

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
Quad T1/E1 Line Interface Unit
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
Dual T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
Octal T1/E1/J1 Line Interface Unit
logo
Maxim Integrated Produc...
DS21349 MAXIM-DS21349 Datasheet
387Kb / 32P
3.3V T1/J1 Line Interface Unit
REV: 010903
logo
Integrated Device Techn...
IDT82V2044 IDT-IDT82V2044 Datasheet
1Mb / 61P
QUAD T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Cirrus Logic
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
logo
Maxim Integrated Produc...
DS2149 MAXIM-DS2149 Datasheet
578Kb / 32P
5V T1/J1 Line Interface Unit
REV: 113004
DS21349DK MAXIM-DS21349DK Datasheet
506Kb / 14P
T1/J1 Line Interface Unit Design Kit
REV: 032403
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
DS21349 MAXIM-DS21349_V01 Datasheet
667Kb / 35P
3.3V T1/J1 Line Interface Unit
REV: 011206
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com