Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61310 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS61310
Description  T1 INE INTERFACE UNIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61310 Datasheet(HTML) 1 Page - Cirrus Logic

  CS61310 Datasheet HTML 1Page - Cirrus Logic CS61310 Datasheet HTML 2Page - Cirrus Logic CS61310 Datasheet HTML 3Page - Cirrus Logic CS61310 Datasheet HTML 4Page - Cirrus Logic CS61310 Datasheet HTML 5Page - Cirrus Logic CS61310 Datasheet HTML 6Page - Cirrus Logic CS61310 Datasheet HTML 7Page - Cirrus Logic CS61310 Datasheet HTML 8Page - Cirrus Logic CS61310 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Final Product Information
This document contains advanced information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2003
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
DS440F1
FEB ‘03
CS61310
T1 Line Interface Unit
Features
Provides T1 line interface
No crystal needed for jitter attenuation
Greater than 14 dB of transmit return loss
Meets AT&T 62411 jitter tolerance and
attenuation requirements
Meets ANSI T1.231B requirements for LOS and
AIS
AWG for user programmable pulse shapes
TX driver high impedance / low power control
Generation and detection of loop up / loop down
signaling
Selectable unipolar or bipolar I/O
Compliant with:
— American National Standards (ANSI): T1.102, T1.105,
T1.403, T1.408, and T1.231
— FCC Rules and Regulations: Part 68 and Part 15
— AT&T Publication 62411
— TR-NET-00499
Description
The CS61310 is a T1 primary rate line interface unit. It
combines the complete analog transmit-and-receive cir-
cuitry for a single, full-duplex interface at T1 rates. The
device is pin- and function-compatible with the Level
One LXT310.
Enhanced functionality is available through an extended
register set, allowing custom pulse shape generation as
well as generation and detection of loop up and loop
down codes. The CS61310 features crystal-less jitter
attenuation.
ORDERING INFORMATION
CS61310-IL
28-pin PLCC
TCLK
TDATA/TPOS
UBS/TNEG
JASEL
RCLK
RDATA/RPOS
BPV/RNEG
INT/NLOOP
LOS
2
3
4
E
N
C
O
D
E
R
REMOTE
LOOPBACK
8
7
6
D
E
C
O
D
E
R
23
12
INBAND
NLOOP
&LOS
PROCESSOR
RECEIVE
CLOCK
GENERATOR
910
XTALIN
XTALOUT
5
21
221415
MODE
RV+
RGND TGND
TV+
JITTER
ATTEN
TIMING
&DATA
RECOVERY
LOS/
NLOOP
Clear
REGISTERS & CONTROL LOGIC
TAOS Enable
LBO Select
JITTER
ATTEN
TRANSMIT
TIMING &
CONTROL
PULSE
SHAPING
CIRCUITRY
ROM / RAM
LINE DRIVERS
SERIAL
PORT
LLOOP
Enable
LOCAL
LOOPBACK
(ANALOG)
EQUALIZER
CONTROL
SLICERS
& PEAK
DETECT
NOISE &
CROSSTALK
FILTERS
MAGNITUDE
EQUALIZER
AGC
13
16
28
26
27
24
25
18
19
20
1
TTIP
TRING
CLKE/TAOS
CS/RLOOP
SCLK/LLOOP
SDI/LBO1
SDO/LBO2
LATN
RTIP
RRING
MCLK
LOCAL
LOOPBACK
(DIGITAL)
11


Similar Part No. - CS61310

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
E1 LINE INTERFACE UNIT
CS61318-IL CIRRUS-CS61318-IL Datasheet
442Kb / 28P
E1 LINE INTERFACE UNIT
CS61318-IP CIRRUS-CS61318-IP Datasheet
442Kb / 28P
E1 LINE INTERFACE UNIT
More results

Similar Description - CS61310

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
Quad T1/E1 Line Interface Unit
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
Dual T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
Octal T1/E1/J1 Line Interface Unit
logo
Maxim Integrated Produc...
DS21349 MAXIM-DS21349 Datasheet
387Kb / 32P
3.3V T1/J1 Line Interface Unit
REV: 010903
logo
Integrated Device Techn...
IDT82V2044 IDT-IDT82V2044 Datasheet
1Mb / 61P
QUAD T1/E1 SHORT HAUL LINE INTERFACE UNIT
logo
Cirrus Logic
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
logo
Maxim Integrated Produc...
DS2149 MAXIM-DS2149 Datasheet
578Kb / 32P
5V T1/J1 Line Interface Unit
REV: 113004
DS21349DK MAXIM-DS21349DK Datasheet
506Kb / 14P
T1/J1 Line Interface Unit Design Kit
REV: 032403
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
DS21349 MAXIM-DS21349_V01 Datasheet
667Kb / 35P
3.3V T1/J1 Line Interface Unit
REV: 011206
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com