Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61310 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS61310
Description  T1 INE INTERFACE UNIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61310 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS61310 Datasheet HTML 9Page - Cirrus Logic CS61310 Datasheet HTML 10Page - Cirrus Logic CS61310 Datasheet HTML 11Page - Cirrus Logic CS61310 Datasheet HTML 12Page - Cirrus Logic CS61310 Datasheet HTML 13Page - Cirrus Logic CS61310 Datasheet HTML 14Page - Cirrus Logic CS61310 Datasheet HTML 15Page - Cirrus Logic CS61310 Datasheet HTML 16Page - Cirrus Logic CS61310 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
CS61310
DS440F1 FEB ‘03
13
An address/command byte, shown in Figure 10,
points to addresses 0x10 through 0x15 (address
0x10 shown), and precedes a data byte. The first
bit of the address/command byte determines
whether a read or a write is requested. The next six
bits contain the address. The last bit is ignored.
Data to the internal registers is input on the eight
clock
cycles
immediately
following
the
ad-
dress/command byte.
CS
SC L K
SD O
CL K E = 0
SD I
D6
D5
D4
D3
D2
D1
D0
D7
0
0
D7
D6
D5
D4
D3
D2
D1
D0
A ddre ss/C o m m a nd Byte
D a ta Input/O utp u t
0
0
0
1
0
R/W
Figure 10. Input/Output Timing (showing address 0x10)
7
6
5
4
3
210
ADDR
Control Register 1
(CR1)
TAOS
LLOOP
RLOOP
LB02
LB01
CODER
TAZ
NLOOP
LOS
0x10 R/W
Control Register 2
(CR2)
AIS
RAMPLSE
RSVD
set to “0”
LOOPDN
LOOPUP
RPWDN
TxHIZ
RSVD
set to “0”
0x11 R/W
Equalizer Gain
(EQGAIN)
X
X
X
EQ4
EQ3
EQ2
EQ1
EQ0
0x12 R
RAM Address
(RAM)
MSB
-
-
---
-
LSB
0x13 R/W
Reserved
Set to “0”
0
0
0
0
0
000
0x14
Table 3. Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com