Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61310 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS61310
Description  T1 INE INTERFACE UNIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61310 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS61310 Datasheet HTML 5Page - Cirrus Logic CS61310 Datasheet HTML 6Page - Cirrus Logic CS61310 Datasheet HTML 7Page - Cirrus Logic CS61310 Datasheet HTML 8Page - Cirrus Logic CS61310 Datasheet HTML 9Page - Cirrus Logic CS61310 Datasheet HTML 10Page - Cirrus Logic CS61310 Datasheet HTML 11Page - Cirrus Logic CS61310 Datasheet HTML 12Page - Cirrus Logic CS61310 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
CS61310
DS440F1 FEB ‘03
9
2. THEORY OF OPERATION
The CS61310 Line Interface Unit is a fully integrat-
ed transceiver for T1 long haul applications. The
transmitter outputs all pulse shapes for T1 applica-
tions.
2.1
Interface Modes
The CS61310 can be operated as a stand-alone
device with its interface in hardware mode (MODE
pin is low), or it can be operated by a microcontrol-
ler over a serial interface in host mode (MODE pin
is high). Host mode enables the use of additional
functionality, as described in the Serial Interface
section.
2.2
Master Clocks
The CS61310 requires a reference clock for the re-
ceiver and the jitter attenuator. A 1.544 MHz exter-
nal clock can be input to MCLK, or a 4x crystal can
be connected to the on-chip oscillator. This fre-
quency reference should be within +32 ppm of the
nominal operating frequency. Jitter and wander on
the reference clock will degrade jitter attenuation
and receiver jitter tolerance. If MCLK is provided,
the crystal oscillator is ignored.
2.3
Transmitter
The transmitter accepts digital T1 input data and
drives appropriately shaped AMI (Alternate Mark
Inversion) pulses onto a transmission line through
a transformer. The transmit data (TPOS & TNEG
or TDATA) is sampled on the falling edge of the in-
put clock, TCLK.
The pulse shapes comply with FCC Part 68 Option
A (0 dB), Option B (-7.5 dB), Option C (-15 dB) or
(-22.5 dB) (see Table 1). Pulse shaping and signal
level are controlled by LBO1 and LBO2 pins in
hardware mode, or the LBO1 and LBO2 bits
(CR1.3 and CR1.4) in host mode.
Custom transmit pulse shapes may be implement-
ed by writing pulse shape coefficients to the regis-
ters. Custom pulses may be used to correct for
pulse shape degradation or distortion caused by
improper termination, suboptimal interconnect wir-
ing, or loading from external components such as
high voltage protection devices.
For DS-1 applications, the arrangement in Table 1
meets ANSI T1.102 pulse shape requirements. A
typical output pulse is shown in Figure 6. These
pulse settings can also be used to meet ITU-T
pulse shape requirements for 1.544 MHz opera-
tion.
Setting TNEG high for more than 16 TCLK cycles
enables the coder mode, changing TPOS to TDA-
TA, RPOS to RDATA, and RNEG to BPV. When
configured for coder mode, the MODE pin can be
tied to RCLK enabling the B8ZS encoders and de-
coders.
The CS61310 will detect the absence of TCLK,
and will force TTIP and TRING to high impedance
LBO2
LBO1
Output Pulse
00
0 dB
01
-7.5 dB
10
-15 dB
11
-22.5 dB
Table 1. Pulse Shape Selection and Transformer
Requirements
Figure 6. Typical Pulse Shape for DS-1
500
1.0
0.5
0
-0 .5
0
250
750
1 000
T IM E (nanoseconds)
OU T P U T
PU L S E S H A P E
NO RM A L IZE D
AM P L IT U D E
AN SI T I.1 0 2
SPEC IFIC AT IO N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com