Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61310 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS61310
Description  T1 INE INTERFACE UNIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61310 Datasheet(HTML) 4 Page - Cirrus Logic

  CS61310 Datasheet HTML 1Page - Cirrus Logic CS61310 Datasheet HTML 2Page - Cirrus Logic CS61310 Datasheet HTML 3Page - Cirrus Logic CS61310 Datasheet HTML 4Page - Cirrus Logic CS61310 Datasheet HTML 5Page - Cirrus Logic CS61310 Datasheet HTML 6Page - Cirrus Logic CS61310 Datasheet HTML 7Page - Cirrus Logic CS61310 Datasheet HTML 8Page - Cirrus Logic CS61310 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
CS61310
4
DS440F1 FEB ‘03
1. CHARACTERISTICS AND SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is
not guaranteed at these extremes
Notes: 1. Transient currents of up to 100 mA will not cause SCR latch-up. Also TTIP, TRING, TV+ and TGND can
withstand a continuous current of 100 mA.
RECOMMENDED OPERATING CONDITIONS
Notes: 2. TV+ must not exceed RV+ by more than 0.3 V.
3. Power consumption measured while driving line load over operating temperature range. Power
consumption includes IC and load. Digital input levels are within 10% of the supply rails and digital
outputs are driving a 50 pF capacitive load.
4. Typical consumption corresponds to 50% ones density and medium line length at 5.0 V.
5. Maximum consumption corresponds to 100% ones density and maximum line length at 5.25 V.
DIGITAL CHARACTERISTICS
(TA = -40
°Cto85°C; TV+, RV+ = 5.0 V ±5%; GND = 0 V)
Notes: 6. This specification guarantees TTL compatibility (VOH =2.4 V @ IOUT =-40 µA).
7. Output drivers are TTL compatible and will drive CMOS logic levels into a CMOS load.
Parameter
Symbol
Min
Max
Units
DC Supply
(referenced to RGND=TGND=0 V)
RV+
TV+
-
-
6.0
(RV+) + 0.3
V
V
Input Voltage, Any Pin
Vin
RGND-0.3
(RV+) + 0.3
V
Input Current, Any Pin
(Note 1)
Iin
-10
10
mA
Ambient Operating Temperature
TA
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Parameter
Symbol
Min
Typ
Max
Units
DC Supply
(Note 2) RV+, TV+
4.75
5.0
5.25
V
Ambient Operating Temperature
TA
-40
25
85
°C
Power Consumption
(Notes 3, 4, 5)
PC
-390
630
mW
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
(Note 6)
PINS 1-4, 24-28
VIH
2.0
-
-
V
Low-Level Input Voltage
(Note 6)
PINS 1-4, 24-28
VIL
--
0.8
V
High-Level Output Voltage
(Notes 6, 7)
IOUT =-40 µAPINS 6-8, 25
VOH
2.4
-
-
V
Low-Level Output Voltage
(Notes 6, 7)
IOUT = 1.6 mA
PINS 6-8, 25
VOL
--
0.4
V
Input Leakage Current
-
-
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com