Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61310 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS61310
Description  T1 INE INTERFACE UNIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61310 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS61310 Datasheet HTML 22Page - Cirrus Logic CS61310 Datasheet HTML 23Page - Cirrus Logic CS61310 Datasheet HTML 24Page - Cirrus Logic CS61310 Datasheet HTML 25Page - Cirrus Logic CS61310 Datasheet HTML 26Page - Cirrus Logic CS61310 Datasheet HTML 27Page - Cirrus Logic CS61310 Datasheet HTML 28Page - Cirrus Logic CS61310 Datasheet HTML 29Page - Cirrus Logic CS61310 Datasheet HTML 30Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
CS61310
28
DS440F1 FEB ‘03
Co ntro l
&
Mo nitor
Fra m e
Form at
Encoder/
Deco der
CS61310
IN
HOST
MODE
REC E IV E
LIN E
TR AN S M IT
LIN E
28
1
12
6
5
7
6
8
3
4
2
9
10
RV+
+
33
µF
RG ND
0.1
µF
+5V
21
15
+
1.0
µF
TG N D
RV +
T V+
CL KE
MC LK
LO S
BPV
MO D E
RP O S
RNEG
RCL K
TP O S
TN EG
TC LK
XTA L IN
XTA L O U T
RGN D
T G ND
22
14
SCL K
CS
IN T
SD I
SD O
RTIP
RRING
TR IN G
TTIP
19
20
16
13
R1
R2
1
5
2
6
0.47
µF
2
6
1
5
1:1 .5
T-1054
1C T :1
P E -64936
µP
Serial
Po rt
27
26
23
24
25
18
LA T N
1 k
Ω
11
JA S E L
0.47
µF
T1 100
Ω
R1 (
Ω)
50
R2 (
Ω)
50
Figure 14. Matched Impedence Output Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com