Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61310 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS61310
Description  T1 INE INTERFACE UNIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61310 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS61310 Datasheet HTML 15Page - Cirrus Logic CS61310 Datasheet HTML 16Page - Cirrus Logic CS61310 Datasheet HTML 17Page - Cirrus Logic CS61310 Datasheet HTML 18Page - Cirrus Logic CS61310 Datasheet HTML 19Page - Cirrus Logic CS61310 Datasheet HTML 20Page - Cirrus Logic CS61310 Datasheet HTML 21Page - Cirrus Logic CS61310 Datasheet HTML 22Page - Cirrus Logic CS61310 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
CS61310
DS440F1 FEB ‘03
19
Turns ratio
1:1.5, 1:2 step-up transmit, 1:1 receive
Primary inductance
1.2 mH min at 772 kHz
Primary leakage inductance
0.5
µH max at 772 kHz with secondary shorted
Secondary leakage inductance
0.5
µH max at 772 kHz
Interwinding capacitance
40 pF max, primary to secondary
ET-constant
16 V-
µsmin
Table 6. Transformer Specification
Turns
Ratio(s)
Manufacturer
Part Number
Package Type
1:1CT
Pulse Engineering
PE-64936
1.5 kV, through-hole, single
Valor
PT5008
Schott
67130840
Valor
ST5085
1.5 kV, surface mount, single
Schott
31187
1:2CT
Pulse Engineering
PE-65351
1.5 kV, through-hole, single
Valor
PT5004
Schott
617130850
Valor
ST5086
1.5 kV, surface mount, single
Schott
31188
1:1.5CT
Pulse Engineering
T-1054
1.5 kV, through-hole, single
Schott
31705
Valor
ST5074
1.5 kV, surface mount, single
Schott
31706
1:1CT
1:2CT
Pulse Engineering
PE-68678
1.5 kV, surface mount, dual
Valor
ST5162
Pulse Engineering
PE-68877
1.5 kV, surface mount, dual
extended temp.
Pulse Engineering
T-1068
1.5 kV, surface mount, quad port
Valor
ST5173
Pulse Engineering
T-1031
3 kV, surface mount, dual
1:1CT
1:1.5CT
Pulse Engineering
T-1022
1.5 kV, surface mount, dual
Valor
ST5221
Pulse Engineering
T-1077
1.5 kV, surface mount, dual
extended temp
Pulse Engineering
T-1081
3 kV, surface mount, dual
Table 7. Recommended Tranformers for the CS61310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com